Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WFF2N60B Datasheet(PDF) 2 Page - Shenzhen Winsemi Microelectronics Co., Ltd

Part # WFF2N60B
Description  Silicon N-Channel MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINSEMI [Shenzhen Winsemi Microelectronics Co., Ltd]
Direct Link  http://www.winsemi.com
Logo WINSEMI - Shenzhen Winsemi Microelectronics Co., Ltd

WFF2N60B Datasheet(HTML) 2 Page - Shenzhen Winsemi Microelectronics Co., Ltd

  WFF2N60B Datasheet HTML 1Page - Shenzhen Winsemi Microelectronics Co., Ltd WFF2N60B Datasheet HTML 2Page - Shenzhen Winsemi Microelectronics Co., Ltd WFF2N60B Datasheet HTML 3Page - Shenzhen Winsemi Microelectronics Co., Ltd WFF2N60B Datasheet HTML 4Page - Shenzhen Winsemi Microelectronics Co., Ltd WFF2N60B Datasheet HTML 5Page - Shenzhen Winsemi Microelectronics Co., Ltd WFF2N60B Datasheet HTML 6Page - Shenzhen Winsemi Microelectronics Co., Ltd WFF2N60B Datasheet HTML 7Page - Shenzhen Winsemi Microelectronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Steady,
Steady,
Steady,
Steady, keep
keep
keep
keep you
you
you
you advance
advance
advance
advance
WF
WF
WF
WFF
F
F
F2N60
2N60
2N60
2N60B
B
B
B
2/7
Electrical Characteristics(Tc=25℃)
Characteristics
Symbol
Test Condition
Min
Type
Max
Unit
Gate leakage current
IGSS
VGS=±30V,VDS=0V
-
-
±100
nA
Gate-source breakdown voltage
V(BR)GSS
IG=±10 µA,VDS=0V
±30
-
-
V
Drain cut -off current
IDSS
VDS=600V,VGS=0V
-
-
10
µA
VDS=480V,Tc=125℃
-
100
µA
Drain -source breakdown voltage
V(BR)DSS
ID=250 µA,VGS=0V
600
-
-
V
Gate threshold voltage
VGS(th)
VDS=10V,ID=250 µA
2
-
4
V
Drain -source ON resistance
RDS(ON)
VGS=10V,ID=1A
-
4.5
5.0
Forward Transconductance
gfs
VDS=50V,ID=1A
-
2.25
-
S
Input capacitance
Ciss
VDS=25V,
VGS=0V,
f=1MHz
-
280
330
pF
Reverse transfer capacitance
Crss
-
6
8
Output capacitance
Coss
-
45
55
Switching time
Rise time
tr
VDD=300V,
ID=2A,
RG=25Ω,
(Note4,5)
-
10
28
ns
Turn-on time
ton
-
25
55
Fall time
tf
-
20
60
Turn-off
time
toff
-
25
60
Total gate charge(gate-source
plus gate-drain)
Qg
VDD=320V,
VGS=10V,
ID=2A
(Note4,5)
-
9.0
12
nC
Gate-source charge
Qgs
-
1.7
-
Gate-drain("miller") Charge
Qgd
-
4.5
-
Source-Drain Ratings and Characteristics(Ta=25℃)
Characteristics
Symbol
Test Condition
Min
Type
Max
Unit
Continuous drain reverse current
IDR
-
-
-
2.0
A
Pulse drain reverse current
IDRP
-
-
-
8.0
A
Forward voltage(diode)
VDSF
IDR=2.0A,VGS=0V
-
-
1.4
V
Reverse recovery time
trr
IDR=2.A,VGS=0V,
dIDR / dt =100 A / µs
-
180
-
ns
Reverse recovery charge
Qrr
-
0.72
-
µC
Note 1.Repeativity rating :pulse width limited by junction temperature
2.L=18.5mH IAS=2A,VDD=50V,RG=0Ω ,Starting TJ=25℃
3.ISD≤2A,di/dt≤200A/us,VDD<BVDSS,STARTING TJ=25℃
4.Pulse Test:Pulse Width≤300us,Duty Cycle≤2%
5. Essentially independent of operating temperature.
This transistor is an electrostatic sensitive device
Please handle with caution



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com