Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

KIA78MR37PI Datasheet(PDF) 2 Page - KEC(Korea Electronics)

Part # KIA78MR37PI
Description  BIPOLAR LINEAR INTEGRATED CIRCUIT
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KIA78MR37PI Datasheet(HTML) 2 Page - KEC(Korea Electronics)

  KIA78MR37PI Datasheet HTML 1Page - KEC(Korea Electronics) KIA78MR37PI Datasheet HTML 2Page - KEC(Korea Electronics) KIA78MR37PI Datasheet HTML 3Page - KEC(Korea Electronics) KIA78MR37PI Datasheet HTML 4Page - KEC(Korea Electronics) KIA78MR37PI Datasheet HTML 5Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2002. 1. 9
2/5
KIA78MR18PI~KIA78MR37PI
Revision No : 0
ELECTRICAL CHARACTERISTICS
(Unless otherwise specified, IO=0.25A, Ta=25℃, Note1.)
CHARACTERISTIC
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Output Voltage
KIA78MR18
VO
-
1.764
1.80
1.836
V
KIA78MR25
-
2.438
2.50
2.562
KIA78MR30
-
2.925
3.00
3.075
KIA78MR33
-
3.220
3.30
3.380
KIA78MR35
-
3.413
3.50
3.587
KIA78MR37
-
3.608
3.70
3.792
Load Regulation
Reg Load
IO=5mA~0.5A
-
0.1
2.0
%
Line Regulation
Reg Line
(Note 2)
-
0.5
2.5
%
Temperature Coefficient of Output Voltage
TCVO
Tj=0~125℃
-
±0.02
±0.05
%/℃
Ripple Rejection
R・R
-
55
65
-
dB
Drop Out Voltage
VD
IO=0.5A (Note3)
-
-
0.5
V
Output ON state for control Voltage
VC(ON)
-
2.0
-
-
V
Output ON state for control Current
IC(ON)
VC=2.7V
-
-
20
μA
Output OFF state for control Voltage
VC(OFF)
-
-
-
0.8
V
Output OFF state for control Current
IC(OFF)
VC=0.4V
-
-
-0.4
mA
Quiescent Current
IQ
IO=0
-
-
10
mA
Note1) VIN of KIA78MR18=3.5V
Note2) VIN of KIA78MR18=2.5~10V
Note3) At VIN=0.95VO
"
KIA78MR25=4.2V
"
KIA78MR25=3.2~10V
"
KIA78MR30=4.7V
"
KIA78MR30=3.7~10V
"
KIA78MR33=5.0V
"
KIA78MR33=4.0~10V
"
KIA78MR35=5.2V
"
KIA78MR35=4.2~10V
"
KIA78MR37=5.4V
"
KIA78MR37=4.4~10V
BLOCK DIAGRAM
OVER HEAT
PROTECTION
CONTROL
OUTPUT ON/OFF
ASO
PROTECTION
BANDGAP
REFERENCE
-
+
1
4
2
3
Vo
VIN
Control
GND



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com