Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

KIA78R020F/PI Datasheet(PDF) 1 Page - KEC(Korea Electronics)

Part # KIA78R020F/PI
Description  BIPOLAR LINEAR INTEGRATED CIRCUIT
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KIA78R020F/PI Datasheet(HTML) 1 Page - KEC(Korea Electronics)

  KIA78R020F/PI Datasheet HTML 1Page - KEC(Korea Electronics) KIA78R020F/PI Datasheet HTML 2Page - KEC(Korea Electronics) KIA78R020F/PI Datasheet HTML 3Page - KEC(Korea Electronics) KIA78R020F/PI Datasheet HTML 4Page - KEC(Korea Electronics) KIA78R020F/PI Datasheet HTML 5Page - KEC(Korea Electronics) KIA78R020F/PI Datasheet HTML 6Page - KEC(Korea Electronics) KIA78R020F/PI Datasheet HTML 7Page - KEC(Korea Electronics) KIA78R020F/PI Datasheet HTML 8Page - KEC(Korea Electronics) KIA78R020F/PI Datasheet HTML 9Page - KEC(Korea Electronics) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
2005. 11. 8
1/10
SEMICONDUCTOR
TECHNICAL DATA
KIA78R000F/PI~
KIA78R050F/PI
BIPOLAR LINEAR INTEGRATED CIRCUIT
Revision No : 3
4 ,5 TERMINAL LOW DROP VOLTAGE REGULATOR
[Low Quiescent Current-Type]
The KIA78R
F/PI Series are Low Dropout Voltage
Regulator suitable for various electronic equipments.
The Regulator has multi function such as over current protection,
overheat protection.
FEATURES
1.0A Output Low Drop Voltage Regulator.
Built in ON/OFF Control Terminal. (Active High)
Built in Over Current Protection, Over Heat Protection Function.
Low Quiescent Current (Output OFF mode) : 0.5 A(Typ.)
Low Standby Current : 800 A(Typ.)
A
L
D
M
12
34
1
2
3
4
INPUT (V
)
OUTPUT (V )
GND
ON/OFF CONTROL (VC)
IN
O
DIM MILLIMETERS
TO-220IS-4
10.00 0.20
15.00 0.20
2.70 0.20
0.60 0.10
Φ3.20 0.20
3.50 0.10
A
B
C
D
E
F
G
15.70 0.20
0.40 0.10
H
14.3+0.2/-0.1
1.45 0.10
1.00 0.10
2.54
4.50 0.20
7.5 0.1
1.50 0.10
J
K
L
M
N
O
P
S
R
8
5
C
E
H
L
V
V
U
T
K
O
R
S
P
+
_
+
_
+
_
1.30 0.1
3-1.00 0.1
1.30 0.1
T
U
V
+
_
+
_
+
_
+
_
+
_
+
_
+
_
+
_
+
_
+
_
+
_
+
_
+
_
/ ADJUSTABLE
LINE UP
ITEM
OUTPUT VOLTAGE (V)
PACKAGE
KIA78R000F/PI
Adjustable (1.25~15V)
F : DPAK-5
PI : TO-220IS-4
KIA78R015F/PI
1.5
KIA78R018F/PI
1.8
KIA78R020F/PI
2.0
KIA78R025F/PI
2.5
KIA78R030F/PI
3.0
KIA78R033F/PI
3.3
KIA78R050F/PI
5.0
DPAK-5
DIM
MILLIMETERS
A
B
C
D
E
I
6.6 0.2
6.1 0.2
5.0 0.2
1.10 0.2
2.70 0.2
1.27 0.1
0.5+0.2/-0.1
2.30 0.2
0.5 0.1
0.50 0.1
0.8 0.2
0.7MIN
0 ~0.25
C
A
F
H
I
J
L
P
N
F
H
J
L
M
N
O
1.00 0.1
P
1
INPUT (V
)
IN
ON/OFF CONTROL (V )
2
C
OUTPUT (V )
3
O
N.C / ADJUSTABLE
4
GND
5
12
34
5
+
_
+
_
+
_
+
_
+
_
+
_
+
_
+
_
+
_
+
_
+
_
Heat Sink is common to
(GND)
5
MAXIMUM RATINGS (Ta=25
)
CHARACTERISTIC
SYMBOL
RATING
UNIT
Input Voltage
VIN
16
V
ON/OFF Control Voltage
VC
16
V
Output Current
IOUT
1
A
Power Dissipation 1
(No heatsink)
F
PD1
1.3
W
PI
1.5
Power Dissipation 2
(Infinite heatsink)
F
PD2
13
W
PI
15
Junction Temperature
Tj
150
Operating Temperature
Topr
-20
80
Storage Temperature
Tstg
-30
150
Soldering Temperature
Tsol
260


Similar Part No. - KIA78R020F/PI

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KIA78R020F/PI KEC-KIA78R020F/PI Datasheet
108Kb / 10P
SEMICONDUCTOR
More results

Similar Description - KIA78R020F/PI

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KID65501P KEC-KID65501P Datasheet
538Kb / 7P
BIPOLAR LINEAR INTEGRATED CIRCUIT
logo
AUK corp
S7129SF AUK-S7129SF Datasheet
204Kb / 3P
Bipolar Linear Integrated Circuit
S7139AM AUK-S7139AM Datasheet
212Kb / 3P
Bipolar Linear Integrated Circuit
S7142AM AUK-S7142AM Datasheet
212Kb / 3P
Bipolar Linear Integrated Circuit
logo
KEC(Korea Electronics)
KIA7805AF KEC-KIA7805AF Datasheet
485Kb / 17P
BIPOLAR LINEAR INTEGRATED CIRCUIT
logo
AUK corp
S7127LSF AUK-S7127LSF Datasheet
94Kb / 4P
Bipolar Linear Integrated Circuit
logo
Toshiba Semiconductor
TA8233BHQ TOSHIBA-TA8233BHQ Datasheet
1Mb / 14P
Bipolar Linear Integrated Circuit
28-Sep-2004
logo
KEC(Korea Electronics)
KIA78MR05PI KEC-KIA78MR05PI Datasheet
1Mb / 8P
BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA78R00PI KEC-KIA78R00PI Datasheet
429Kb / 5P
BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA7805AF KEC-KIA7805AF_13 Datasheet
451Kb / 20P
BIPOLAR LINEAR INTEGRATED CIRCUIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com