Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

KIA78R05PI Datasheet(PDF) 1 Page - KEC(Korea Electronics)

Part # KIA78R05PI
Description  BIPOLAR LINEAR INTEGRATED CIRCUIT
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KIA78R05PI Datasheet(HTML) 1 Page - KEC(Korea Electronics)

  KIA78R05PI Datasheet HTML 1Page - KEC(Korea Electronics) KIA78R05PI Datasheet HTML 2Page - KEC(Korea Electronics) KIA78R05PI Datasheet HTML 3Page - KEC(Korea Electronics) KIA78R05PI Datasheet HTML 4Page - KEC(Korea Electronics) KIA78R05PI Datasheet HTML 5Page - KEC(Korea Electronics) KIA78R05PI Datasheet HTML 6Page - KEC(Korea Electronics) KIA78R05PI Datasheet HTML 7Page - KEC(Korea Electronics) KIA78R05PI Datasheet HTML 8Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
2008. 6. 24
1/8
SEMICONDUCTOR
TECHNICAL DATA
KIA78R05PI~KIA78R35PI
BIPOLAR LINEAR INTEGRATED CIRCUIT
Revision No : 3
4 TERMINAL LOW DROPOUT VOLTAGE REGULATOR
The KIA78R
×× series are Low Dropout Voltage Regulator suitable
for various electronic equipments. It provides constant voltage power
source with TO-220IS-4 terminal surface mount type PKG.
The Regulator has multi function such as over current protection, overheat
protection and ON/OFF control.
FEATURES
・1.0A Output Low Dropout Voltage Regulator.
・Built in ON/OFF Control Terminal.
・Built in Over Current Protection, Over Heat Protection Function.
LINE UP
MAXIMUM RATINGS (Ta=25
℃)
ITEM
OUTPUT VOLTAGE (Typ.)
UNIT
KIA78R05PI
5
V
KIA78R06PI
6
KIA78R08PI
8
KIA78R09PI
9
KIA78R10PI
10
KIA78R12PI
12
KIA78R15PI
15
KIA78R25PI
2.5
KIA78R33PI
3.3
KIA78R35PI
3.5
CHARACTERISTIC
SYMBOL
RATING
UNIT
REMARK
Input Voltage
VIN
35
V
-
ON/OFF Control Voltage
VC
35
V
-
Output Current
IO
1
A
-
Power Dissipation 1
PD1
1.5
W
No Heatsink
Power Dissipation 2
PD2
15
W
Infinite
Heatsink
Operating Junction Temperature
TJ(opr)
-40
~150
℃
-
Storage Temperature
Tstg
-45
~150
℃
-
Soldering Temperature (10sec)
Tsol
260
℃
-


Similar Part No. - KIA78R05PI

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KIA78R05PI KEC-KIA78R05PI Datasheet
129Kb / 6P
BIPOLAR LINEAR INTEGRATED CIRCUIT (4 TERMINAL LOW DROP VOLTAGE REGULATOR)
KIA78R05PI KEC-KIA78R05PI Datasheet
1Mb / 8P
BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA78R05PI KEC-KIA78R05PI_15 Datasheet
1Mb / 8P
BIPOLAR LINEAR INTEGRATED CIRCUIT
More results

Similar Description - KIA78R05PI

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KID65501P KEC-KID65501P Datasheet
538Kb / 7P
BIPOLAR LINEAR INTEGRATED CIRCUIT
logo
AUK corp
S7129SF AUK-S7129SF Datasheet
204Kb / 3P
Bipolar Linear Integrated Circuit
S7139AM AUK-S7139AM Datasheet
212Kb / 3P
Bipolar Linear Integrated Circuit
S7142AM AUK-S7142AM Datasheet
212Kb / 3P
Bipolar Linear Integrated Circuit
logo
KEC(Korea Electronics)
KIA7805AF KEC-KIA7805AF Datasheet
485Kb / 17P
BIPOLAR LINEAR INTEGRATED CIRCUIT
logo
AUK corp
S7127LSF AUK-S7127LSF Datasheet
94Kb / 4P
Bipolar Linear Integrated Circuit
logo
Toshiba Semiconductor
TA8233BHQ TOSHIBA-TA8233BHQ Datasheet
1Mb / 14P
Bipolar Linear Integrated Circuit
logo
KEC(Korea Electronics)
KIA78MR05PI KEC-KIA78MR05PI Datasheet
1Mb / 8P
BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA78R000F KEC-KIA78R000F Datasheet
103Kb / 10P
BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA7805AF KEC-KIA7805AF_13 Datasheet
451Kb / 20P
BIPOLAR LINEAR INTEGRATED CIRCUIT
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com