Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

C201610DS Datasheet(PDF) 2 Page - Sumida Corporation

Part # C201610DS
Description  SMD Power Inductor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

C201610DS Datasheet(HTML) 2 Page - Sumida Corporation

  C201610DS Datasheet HTML 1Page - Sumida Corporation C201610DS Datasheet HTML 2Page - Sumida Corporation C201610DS Datasheet HTML 3Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Page 2 of 3
Revised: 19-Mar-12
SMD
SMD
SMD
SMD Power Inductor
Power Inductor
Power Inductor
Power Inductor
C201610/DS
0.0
0.2
0.4
0.6
0.8
1.0
1.2
0.0 0.3 0.6 0.9 1.2 1.5 1.8
0
10
20
30
40
50
60
Electrical Characteristics
※1. Inductance measuring condition: at 3MHz.
※2. Saturation current: The value of D.C. current when the inductance decreases to 70% of it’s nominal value.
※3. Temperature rise current: The value of D.C. current when the temperature rise is △t=40℃(Ta=25℃).
D.C.R. (m
Ω)
±25%
L(
μH)
±20% ※1
Part No.
750
600
430
4.7
C201610WB-4R7
1600
1200
120
1.5
C201610WB-1R5
1700
1200
105
1.0
C201610LDB-1R0
1300
350
200
4.7
C201610LDS-4R7
1300
400
180
3.3
C201610LDS-3R3
1500
500
140
2.2
C201610LDS-2R2
1600
700
120
1.5
C201610LDS-1R5
1900
700
90
1.0
C201610LDS-1R0
Temperature rise
Current (mA)
※3
Saturation current
(mA)
※2
Saturation Current & Temperature Rise Graph
0
1
2
3
4
5
6
0.0
0.2
0.4
0.6
0.8
1.0
0
10
20
30
40
50
60
0
1
2
3
4
5
6
0.0 0.2 0.4 0.6 0.8 1.0 1.2
0
10
20
30
40
50
60
0.0
0.6
1.2
1.8
2.4
3.0
3.6
0.0 0.3 0.6 0.9 1.2 1.5
0
10
20
30
40
50
60
0.0
0.5
1.0
1.5
2.0
2.5
3.0
0.0 0.3 0.6 0.9 1.2 1.5
0
10
20
30
40
50
60
0.0
0.3
0.6
0.9
1.2
1.5
1.8
0.0 0.3 0.6 0.9 1.2 1.5
0
10
20
30
40
50
60
0.0
0.2
0.4
0.6
0.8
1.0
1.2
0.0 0.4 0.8 1.2 1.6 2.0
0
10
20
30
40
50
60
1. C201610LDS-1R0
△T (℃)
L (
μH)
2. C201610LDS-1R5
△T (℃)
L (
μH)
3. C201610LDS-2R2
L (
μH)
DC (A)
5. C201610LDS-4R7
△T (℃)
L (
μH)
6. C201610LDB-1R0
7. C201610WB-4R7
△T (℃)
L (
μH)
4. C201610LDS-3R3
△T (℃)
DC (A)
DC (A)
DC (A)
DC (A)
DC (A)
△T (℃)
L (
μH)
△T (℃)
L (
μH)
L (20
℃)
△T
DC (A)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com