Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

2PCS02 Datasheet(PDF) 16 Page - Infineon Technologies AG

Part # 2PCS02
Description  Standalone Power Factor Correction (PFC) Controller in Continuous Conduction Mode (CCM) with Input Brown-Out Protection
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

2PCS02 Datasheet(HTML) 16 Page - Infineon Technologies AG

Back Button 2PCS02 Datasheet HTML 12Page - Infineon Technologies AG 2PCS02 Datasheet HTML 13Page - Infineon Technologies AG 2PCS02 Datasheet HTML 14Page - Infineon Technologies AG 2PCS02 Datasheet HTML 15Page - Infineon Technologies AG 2PCS02 Datasheet HTML 16Page - Infineon Technologies AG 2PCS02 Datasheet HTML 17Page - Infineon Technologies AG 2PCS02 Datasheet HTML 18Page - Infineon Technologies AG 2PCS02 Datasheet HTML 19Page - Infineon Technologies AG 2PCS02 Datasheet HTML 20Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
CCM-PFC
ICE2PCS02/G
Electrical Characteristics
Version 2.4
16
22 Mar 2010
4.3.5
Voltage Loop Section
Parameter
Symbol
Limit Values
Unit Test Condition
min.
typ.
max.
OTA1 Reference Voltage
V
OTA1
2.92
3.00
3.08
V
measured at VSENSE
OTA1 Transconductance Gain
Gm
OTA1
26
39
51
mS
OTA1 Max. Source Current
Under Normal Operation
I
OTA1SO
18
30
38
mA
V
VSENSE= 2V
V
VCOMP= 3V
OTA1 Max. Sink Current
Under Normal Operation
I
OTA1SK
21
30
41
mA
V
VSENSE= 4V
V
VCOMP= 3V
Enhanced Dynamic Response
VSENSE High Threshold
VSENSE Low Threshold
V
Hi
V
Lo
3.09
2.76
3.18
2.85
3.26
2.94
V
V
VSENSE Input Bias Current at 3V
I
VSEN5V
0
-
1.5
mA
V
VSENSE= 3V
VSENSE Input Bias Current at 1V
I
VSEN1V
0
-
1
mA
V
VSENSE= 1V
VCOMP Voltage during OLP
V
VCOMPF
0
0.2
0.4
V
V
VSENSE= 0.5V
I
VCOMP= 0.5mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com