Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SLVU2.8Q Datasheet(PDF) 2 Page - Semtech Corporation

Part # SLVU2.8Q
Description  Low Voltage TVS Diode for Automotive Applications
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SLVU2.8Q Datasheet(HTML) 2 Page - Semtech Corporation

  SLVU2.8Q Datasheet HTML 1Page - Semtech Corporation SLVU2.8Q Datasheet HTML 2Page - Semtech Corporation SLVU2.8Q Datasheet HTML 3Page - Semtech Corporation SLVU2.8Q Datasheet HTML 4Page - Semtech Corporation SLVU2.8Q Datasheet HTML 5Page - Semtech Corporation SLVU2.8Q Datasheet HTML 6Page - Semtech Corporation SLVU2.8Q Datasheet HTML 7Page - Semtech Corporation SLVU2.8Q Datasheet HTML 8Page - Semtech Corporation SLVU2.8Q Datasheet HTML 9Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
© 2011 Semtech Corp.
www.semtech.com
PROTECTION PRODUCTS
SLVU2.8Q
Absolute Maximum Rating
Electrical Characteristics (T=25oC Unless Otherwise Specified)
g
n
i
t
a
Rl
o
b
m
y
Se
u
l
a
Vs
t
i
n
U
0
2
/
8
=
p
t
(
r
e
w
o
P
e
s
l
u
P
k
a
e
P
μ
5
2
=
T
,
s
o
)
CP
k
p
0
0
4s
t
t
a
W
0
2
/
8
=
p
t
(
t
n
e
r
r
u
C
e
s
l
u
P
k
a
e
P
μ
5
2
=
T
,
s
o
)
CI
P
P
4
2A
)
r
i
A
(
2
-
4
-
0
0
0
1
6
C
E
I
r
e
p
D
S
E
)
t
c
a
t
n
o
C
(
2
-
4
-
0
0
0
1
6
C
E
I
r
e
p
D
S
E
V
D
S
E
0
3
-
/
+
5
2
-
/
+
V
K
e
r
u
t
a
r
e
p
m
e
T
g
n
it
a
r
e
p
OT
J
5
8
+
o
t
0
4
-
o
C
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
ST
G
T
S
5
2
1
+
o
t
5
5
-
o
C
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
Cm
u
m
i
n
i
Ml
a
c
i
p
y
Tm
u
m
i
x
a
Ms
t
i
n
U
e
g
a
tl
o
V
f
f
O
-
d
n
a
t
S
e
s
r
e
v
e
RV
M
W
R
1
o
t
2
n
i
P
r
o
1
o
t
3
n
i
P
C
o
5
8
+
o
t
0
4
-
=
T
8
.
2V
e
g
a
tl
o
V
h
g
u
o
r
h
T
-
h
c
n
u
PV
T
P
I
T
P
C
°
5
2
=
T
,
A
μ
2
=
1
o
t
3
n
i
P
2
.
3V
e
g
a
tl
o
V
h
g
u
o
r
h
T
-
h
c
n
u
PV
T
P
I
T
P
C
°
5
8
=
T
,
A
μ
2
=
1
o
t
3
n
i
P
8
.
2V
e
g
a
tl
o
V
k
c
a
B
-
p
a
n
SV
B
S
I
B
S
1
o
t
3
n
i
P
,
A
m
0
5
=8
.
2V
t
n
e
r
r
u
C
e
g
a
k
a
e
L
e
s
r
e
v
e
RI
R
V
M
W
R
C
°
5
2
=
T
,
V
8
.
2
=
1
o
t
2
n
i
P
r
o
1
o
t
3
n
i
P
0
5
2
.
0A
μ
t
n
e
r
r
u
C
e
g
a
k
a
e
L
e
s
r
e
v
e
RI
R
V
M
W
R
C
°
5
8
=
T
,
V
8
.
2
=
1
o
t
2
n
i
P
r
o
1
o
t
3
n
i
P
0
0
3
.
0A
μ
t
n
e
r
r
u
C
e
g
a
k
a
e
L
e
s
r
e
v
e
RI
D
R
V
M
W
R
C
°
5
2
=
T
,
V
8
.
2
=
2
o
t
3
n
i
P
1A
μ
t
n
e
r
r
u
C
e
g
a
k
a
e
L
e
s
r
e
v
e
RI
D
R
V
M
W
R
C
°
5
8
=
T
,
V
8
.
2
=
2
o
t
3
n
i
P
3A
μ
e
g
a
tl
o
V
n
w
o
d
k
a
e
r
B
e
s
r
e
v
e
RV
R
B
I
T
2
o
t
3
n
i
P
,
A
μ
0
1
=0
0
1V



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com