Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

7383/R2C3-AMQB/P Datasheet(PDF) 3 Page - Everlight Electronics Co., Ltd

Part # 7383/R2C3-AMQB/P
Description  ?Popular T-1 3/4 round package.
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

7383/R2C3-AMQB/P Datasheet(HTML) 3 Page - Everlight Electronics Co., Ltd

  7383/R2C3-AMQB/P Datasheet HTML 1Page - Everlight Electronics Co., Ltd 7383/R2C3-AMQB/P Datasheet HTML 2Page - Everlight Electronics Co., Ltd 7383/R2C3-AMQB/P Datasheet HTML 3Page - Everlight Electronics Co., Ltd 7383/R2C3-AMQB/P Datasheet HTML 4Page - Everlight Electronics Co., Ltd 7383/R2C3-AMQB/P Datasheet HTML 5Page - Everlight Electronics Co., Ltd 7383/R2C3-AMQB/P Datasheet HTML 6Page - Everlight Electronics Co., Ltd 7383/R2C3-AMQB/P Datasheet HTML 7Page - Everlight Electronics Co., Ltd 7383/R2C3-AMQB/P Datasheet HTML 8Page - Everlight Electronics Co., Ltd 7383/R2C3-AMQB/P Datasheet HTML 9Page - Everlight Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
LifecyclePhase:
Revision
: 2
Expired Period: Forever
Release Date:2009-01-21 08:15:09.0
Technical Data Sheet
7383/R2C3-AMQB/X
Everlight Electronics Co., Ltd.
http\\:www.everlight.com
Rev 2
Page: 3 of 10
Device Number :
DLE-0000741
Prepared date:01-13-2009
Prepared : Flourix Chen
Absolute Maximum Ratings (Ta=25℃)
Parameter
Symbol
Rating
Units
Forward Current
IF
50
mA
Pulse Forward Current
*1
IFP
160
mA
Operating Temperature
Topr
-40 ~ +85
℃
Storage Temperature
Tstg
-40 ~ +100
℃
Electrostatic
Discharge
ESD
4K
V
Soldering Temperature
*2
Tsol
260
℃
Power Dissipation
Pd
120
mW
Zener Reverse Current
Iz
100
mA
Reverse Voltage
VR
5
V
Notes: *1:IFP Conditions--Pulse Width≦10msec and Duty≦1/10.
*2:Soldering time≦5 seconds.
Electro-Optical Characteristics (Ta=25℃)
Parameter
Symbol
Condition
Min.
Typ.
Max.
Units
Forward Voltage
VF
IF=20mA
1.8
2.0
2.6
V
Zener Reverse Voltage
Vz
IZ=5mA
5.2
--
--
V
Luminous Intensity
IV
IF=20mA
2850
4500
7150
mcd
Viewing Angle
2θ1/2
IF=20mA
--
30
--
deg
Peak Wavelength
λp
IF=20mA
--
632
--
nm
Dominant Wavelength
λd
IF=20mA
618
624
628
nm
Spectrum Radiation
Bandwidth
Δλ
IF=20mA
--
20
--
nm
Reverse Current
IR
VR=5V
--
--
50
μA



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com