Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WCD6C60 Datasheet(PDF) 3 Page - Shenzhen Winsemi Microelectronics Co., Ltd

Part # WCD6C60
Description  Silicon Controlled Rectifiers
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINSEMI [Shenzhen Winsemi Microelectronics Co., Ltd]
Direct Link  http://www.winsemi.com
Logo WINSEMI - Shenzhen Winsemi Microelectronics Co., Ltd

WCD6C60 Datasheet(HTML) 3 Page - Shenzhen Winsemi Microelectronics Co., Ltd

  WCD6C60 Datasheet HTML 1Page - Shenzhen Winsemi Microelectronics Co., Ltd WCD6C60 Datasheet HTML 2Page - Shenzhen Winsemi Microelectronics Co., Ltd WCD6C60 Datasheet HTML 3Page - Shenzhen Winsemi Microelectronics Co., Ltd WCD6C60 Datasheet HTML 4Page - Shenzhen Winsemi Microelectronics Co., Ltd WCD6C60 Datasheet HTML 5Page - Shenzhen Winsemi Microelectronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Steady,
Steady,
Steady,
Steady, keep
keep
keep
keep you
you
you
you advance
advance
advance
advance
W
W
W
WCD6C60
CD6C60
CD6C60
CD6C60
3/5
Fig.
Fig.
Fig.
Fig. 3
3
3
3Relative variation of gate trigger current
and holding current versus junction temperature
Fig.
Fig.
Fig.
Fig. 4
4
4
4 Maximum permissible non -repetitive peak
on-state current ITSM,versus number of cycles,for
sinusoidal currents.f=60Hz
Fig.5
Fig.5
Fig.5
Fig.5Correlation between Maximum average Power
dissipation and Maximum allowable temperatures
(tamb and tcase )for different thermal resistances
heatsink+contact.
Fig.6
Fig.6
Fig.6
Fig.6 Non-repetitive surge peak on-state current
for a sinusoidal pulse with width Tp≤10ms and
corresponding value of l2t
Fig.1
Fig.1
Fig.1
Fig.1Average on -State current versus case
temperature
Fig
Fig
Fig
Fig .2
.2
.2
.2 Correlation between maximum average
power dissipation and maximum allowable tem-
peratures (tamb and tcase)for different thermal
resistances heatsink+contact



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com