Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NP33N075YDF Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # NP33N075YDF
Description  MOS FIELD EFFECT TRANSISTOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

NP33N075YDF Datasheet(HTML) 3 Page - Renesas Technology Corp

  NP33N075YDF Datasheet HTML 1Page - Renesas Technology Corp NP33N075YDF Datasheet HTML 2Page - Renesas Technology Corp NP33N075YDF Datasheet HTML 3Page - Renesas Technology Corp NP33N075YDF Datasheet HTML 4Page - Renesas Technology Corp NP33N075YDF Datasheet HTML 5Page - Renesas Technology Corp NP33N075YDF Datasheet HTML 6Page - Renesas Technology Corp NP33N075YDF Datasheet HTML 7Page - Renesas Technology Corp NP33N075YDF Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
NP33N075YDF
Chapter Title
R07DS0363EJ0100 Rev.1.00
Page 3 of 6
Jun 30, 2011
Typical Characteristics (TA = 25
°C)
DERATING FACTOR OF FORWARD BIAS SAFE
OPERATING AREA
TOTAL POWER DISSIPATION vs.
CASE TEMPERATURE
0
20
40
60
80
100
120
0
25
50
75
100 125 150 175
TC - Case Temperature -
°C
0
10
20
30
40
50
60
70
80
90
100
0
25
50
75
100 125 150 175
TC - Case Temperature -
°C
FORWARD BIAS SAFE OPERATING AREA
0.1
1
10
100
1000
0.1
1
10
100
RDS(ON) Limited
(VGS = 10 V)
10 ms
1 ms
PW = 100 μs
TC = 25°C
Single Pulse
Power Disspation Limited
Secondary Brakedown Limited
ID(Pulse) = 66 A
VDS - Drain to Source Voltage - V
TRANSIENT THERMAL RESISTANCE vs. PULSE WIDTH
0.01
0.1
1
10
100
1000
Single pulse
Mounted on glass epoxy substrate of 40 mm × 40 mm × 1.6 mmt
with 4% copper area (35 μm)
Rth(ch-C) = 1.63°C/W
Rth(ch-A) = 150°C/W
PW - Pulse Width - s
100
μ
1 m
10 m
100 m
1
10
100
1000



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com