Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PS9307L2 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # PS9307L2
Description  0.6 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 6-PIN SDIP PHOTOCOUPLER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PS9307L2 Datasheet(HTML) 1 Page - Renesas Technology Corp

  PS9307L2 Datasheet HTML 1Page - Renesas Technology Corp PS9307L2 Datasheet HTML 2Page - Renesas Technology Corp PS9307L2 Datasheet HTML 3Page - Renesas Technology Corp PS9307L2 Datasheet HTML 4Page - Renesas Technology Corp PS9307L2 Datasheet HTML 5Page - Renesas Technology Corp PS9307L2 Datasheet HTML 6Page - Renesas Technology Corp PS9307L2 Datasheet HTML 7Page - Renesas Technology Corp PS9307L2 Datasheet HTML 8Page - Renesas Technology Corp PS9307L2 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
R08DS0046EJ0001 Rev.0.01
Page 1 of 12
Jan 25, 2012
Preliminary Data Sheet
Specifications in this document are tentative and subject to change.
PS9307L,PS9307L2
0.6 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 6-PIN SDIP PHOTOCOUPLER
DESCRIPTION
The PS9307L and PS9307L2 are optical coupled isolators containing a GaAlAs LED on the input side and a photo
diode, a signal processing circuit and a power output transistor on the output side on one chip.
The PS9307L and PS9307L2 are in 6-pin plastic SDIP (Shrink Dual In-line Package). The PS9307L2 has 8 mm
creepage distance. The mount area of 6-pin plastic SDIP is half size of 8-pin DIP.
The PS9307L and PS9307L2 are designed specifically for high common mode transient immunity (CMR) and high
switching speed. It is suitable for driving IGBTs and MOS FETs.
The PS9307L is lead bending type (Gull-wing) for surface mounting.
The PS9307L2 is lead bending type for long creepage distance (Gull-wing) for surface mount.
FEATURES
• Long creepage distance (8 mm MIN.: PS9307L2)
• Half size of 8-pin DIP
• Peak output current (0.6 A MAX., 0.4 A MIN.)
• High speed switching (tPLH, tPHL = 175 ns MAX.)
• High common mode transient immunity (CMH, CML = ±50 kV/
μs MIN.)
• Operating Ambient Temperature (125 °C)
• Embossed tape product : PS9307L-E3, PS9307L2-E3: 2 000 pcs/reel
• Pb-Free product
• Safety standards
• UL approved: No. E72422
• CSA approved: No. CA 101391 (CA5A, CAN/CSA-C22.2 60065, 60950)
• SEMKO approved: No. 1115598
• DIN EN60747-5-2 (VDE0884 Part2) approved: No. 40024069 (Option)
APPLICATIONS
• IGBT, Power MOS FET Gate Driver
• Industrial inverter
• AC Servo
• PDP
R08DS0046EJ0001
Rev.0.01
Jan 25, 2012
1. Anode
2. NC
3. Cathode
4. VEE
5. VO
6. VCC
64
13
2
5
PIN CONNECTION
(Top View)


Similar Part No. - PS9307L2

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS9307L2 CEL-PS9307L2 Datasheet
1Mb / 6P
0.6 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 6-PIN SDIP PHOTOCOUPLER
logo
Renesas Technology Corp
PS9307L2 RENESAS-PS9307L2 Datasheet
281Kb / 14P
0.6 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 6-PIN SDIP PHOTOCOUPLER
PS9307L2-E3 RENESAS-PS9307L2-E3 Datasheet
281Kb / 14P
0.6 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 6-PIN SDIP PHOTOCOUPLER
PS9307L2-V RENESAS-PS9307L2-V Datasheet
281Kb / 14P
0.6 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 6-PIN SDIP PHOTOCOUPLER
PS9307L2-V-E3 RENESAS-PS9307L2-V-E3 Datasheet
281Kb / 14P
0.6 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 6-PIN SDIP PHOTOCOUPLER
More results

Similar Description - PS9307L2

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PS9306L RENESAS-PS9306L Datasheet
330Kb / 21P
0.6 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 6-PIN SDIP PHOTOCOUPLER
logo
California Eastern Labs
PS9306L CEL-PS9306L Datasheet
3Mb / 20P
0.6 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 6-PIN SDIP PHOTOCOUPLER
PS9308L CEL-PS9308L Datasheet
992Kb / 22P
2.0 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 6-PIN SDIP PHOTOCOUPLER
PS9307L CEL-PS9307L Datasheet
1Mb / 6P
0.6 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 6-PIN SDIP PHOTOCOUPLER
PS9307AL CEL-PS9307AL Datasheet
2Mb / 12P
0.6 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 6-PIN SDIP PHOTOCOUPLER
logo
Renesas Technology Corp
PS9307AL RENESAS-PS9307AL_15 Datasheet
372Kb / 20P
0.6 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 6-PIN SDIP PHOTOCOUPLER
PS9306L_15 RENESAS-PS9306L_15_15 Datasheet
322Kb / 21P
0.6 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 6-PIN SDIP PHOTOCOUPLER
PS9306L RENESAS-PS9306L_15 Datasheet
322Kb / 21P
0.6 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 6-PIN SDIP PHOTOCOUPLER
PS9307L RENESAS-PS9307L_15 Datasheet
281Kb / 14P
0.6 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 6-PIN SDIP PHOTOCOUPLER
PS9307AL RENESAS-PS9307AL Datasheet
249Kb / 20P
0.6 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 6-PIN SDIP PHOTOCOUPLER
Dec 16, 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com