Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R2A20133ASP Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # R2A20133ASP
Description  Critical Conduction Mode PFC Control IC
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R2A20133ASP Datasheet(HTML) 3 Page - Renesas Technology Corp

  R2A20133ASP Datasheet HTML 1Page - Renesas Technology Corp R2A20133ASP Datasheet HTML 2Page - Renesas Technology Corp R2A20133ASP Datasheet HTML 3Page - Renesas Technology Corp R2A20133ASP Datasheet HTML 4Page - Renesas Technology Corp R2A20133ASP Datasheet HTML 5Page - Renesas Technology Corp R2A20133ASP Datasheet HTML 6Page - Renesas Technology Corp R2A20133ASP Datasheet HTML 7Page - Renesas Technology Corp R2A20133ASP Datasheet HTML 8Page - Renesas Technology Corp R2A20133ASP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
R2A20133ASP
Preliminary
R03DS0049EJ0200 Rev.2.00
Page 3 of 13
Nov 02, 2011
Block Diagram
UVLO
OVP & FB_LOW BLOCK
FB
GD Disable (OVP & FB_LOW)
ON: 12V
OFF: 9.2V
VREF: 5.02V
Ramp Control
LOGIC BLOCK
OVP2
CS
5
RT
2
VCC
8
OUT
7
GND
6
FB
1
COMP
3
OVP2
4
–0.6V
60k
VREF
5p
–
+
0V
+
–
42
μA
1V
10p
–
+
VREF
ErrorAmp
4.1V
2.51V
–
+
COMP
Discharge
VFB
× 1.04V
Dynamic OVP
Dynamic UVP
+
–
VFB
× 0.92V
+
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com