Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F2136CSNFA Datasheet(PDF) 24 Page - Renesas Technology Corp

Part # R5F2136CSNFA
Description  RENESAS MCU
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F2136CSNFA Datasheet(HTML) 24 Page - Renesas Technology Corp

Back Button R5F2136CSNFA Datasheet HTML 20Page - Renesas Technology Corp R5F2136CSNFA Datasheet HTML 21Page - Renesas Technology Corp R5F2136CSNFA Datasheet HTML 22Page - Renesas Technology Corp R5F2136CSNFA Datasheet HTML 23Page - Renesas Technology Corp R5F2136CSNFA Datasheet HTML 24Page - Renesas Technology Corp R5F2136CSNFA Datasheet HTML 25Page - Renesas Technology Corp R5F2136CSNFA Datasheet HTML 26Page - Renesas Technology Corp R5F2136CSNFA Datasheet HTML 27Page - Renesas Technology Corp R5F2136CSNFA Datasheet HTML 28Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 61 page
background image
R8C/36T-A Group
3. Address Space
R01DS0055EJ0100 Rev.1.00
Page 24 of 58
Dec 09, 2011
Note:
1. The blank areas are reserved. No access is allowed.
Table 3.9
SFR Information (9) (1)
Address
Symbol
Register Name
After Reset
Remarks
00280h
DTCTL
DTC Activation Control Register
00h
00281h
00282h
00283h
00284h
00285h
00286h
00287h
00288h
DTCEN0
DTC Activation Enable Register 0
00h
00289h
DTCEN1
DTC Activation Enable Register 1
00h
0028Ah
DTCEN2
DTC Activation Enable Register 2
00h
0028Bh
DTCEN3
DTC Activation Enable Register 3
00h
0028Ch
0028Dh
DTCEN5
DTC Activation Enable Register 5
00h
0028Eh
DTCEN6
DTC Activation Enable Register 6
00h
0028Fh
00290h
CRCSAR
SFR Snoop Address Register
0000h
00291h
00292h
CRCMR
CRC Control Register
00h
00293h
00294h
CRCD
CRC Data Register
0000h
00295h
00296h
CRCIN
CRC Input Register
00h
00297h
00298h
00299h
0029Ah
0029Bh
0029Ch
0029Dh
0029Eh
0029Fh
002A0h
TRJ_0SR
Timer RJ_0 Pin Select Register
08h
002A1h
002A2h
002A3h
002A4h
002A5h
TRCCLKSR
Timer RCCLK Pin Select Register
00h
002A6h
TRC_0SR0
Timer RC_0 Pin Select Register 0
00h
002A7h
TRC_0SR1
Timer RC_0 Pin Select Register 1
00h
002A8h
002A9h
002AAh
002ABh
002ACh
002ADh
TIMSR
Timer Pin Select Register
00h
002AEh
U_0SR
UART0_0 Pin Select Register
00h
002AFh
U_1SR
UART0_1 Pin Select Register
00h
002B0h
002B1h
002B2h
U2SR0
UART2 Pin Select Register 0
00h
002B3h
U2SR1
UART2 Pin Select Register 1
00h
002B4h
002B5h
002B6h
INTSR0
INT Interrupt Input Pin Select Register 0
00h
002B7h
002B8h
002B9h
PINSR
I/O Function Pin Select Register
00h
002BAh
002BBh
002BCh
002BDh
002BEh
PMCSEL
Pin Assignment Select Register
00h
002BFh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com