Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F563NADDBG Datasheet(PDF) 71 Page - Renesas Technology Corp

Part # R5F563NADDBG
Description  Renesas MCUs
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F563NADDBG Datasheet(HTML) 71 Page - Renesas Technology Corp

Back Button R5F563NADDBG Datasheet HTML 67Page - Renesas Technology Corp R5F563NADDBG Datasheet HTML 68Page - Renesas Technology Corp R5F563NADDBG Datasheet HTML 69Page - Renesas Technology Corp R5F563NADDBG Datasheet HTML 70Page - Renesas Technology Corp R5F563NADDBG Datasheet HTML 71Page - Renesas Technology Corp R5F563NADDBG Datasheet HTML 72Page - Renesas Technology Corp R5F563NADDBG Datasheet HTML 73Page - Renesas Technology Corp R5F563NADDBG Datasheet HTML 74Page - Renesas Technology Corp R5F563NADDBG Datasheet HTML 75Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 108 page
background image
R01DS0098EJ0090 Rev.0.90
Page 71 of 106
Dec 27, 2011
RX63N Group, RX631 Group
4. I/O Registers
Under development Preliminary document
Specifications in this document are tentative and subject to change.
0008 8325h
RIIC1
I2C bus function enable register
ICFER
8
8
2, 3 PCLKB
2 ICLK
0008 8326h
RIIC1
I2C bus status enable register
ICSER
8
8
2, 3 PCLKB
2 ICLK
0008 8327h
RIIC1
I2C bus interrupt enable register
ICIER
8
8
2, 3 PCLKB
2 ICLK
0008 8328h
RIIC1
I2C bus status register 1
ICSR1
8
8
2, 3 PCLKB
2 ICLK
0008 8329h
RIIC1
I2C bus status register 2
ICSR2
8
8
2, 3 PCLKB
2 ICLK
0008 832Ah
RIIC1
Slave address register U0
SARU0
8
8
2, 3 PCLKB
2 ICLK
0008 832Bh
RIIC1
Slave address register L0
SARL0
8
8
2, 3 PCLKB
2 ICLK
0008 832Ch
RIIC1
Slave address register U1
SARU1
8
8
2, 3 PCLKB
2 ICLK
0008 832Dh
RIIC1
Slave address register L1
SARL1
8
8
2, 3 PCLKB
2 ICLK
0008 832Eh
RIIC1
Slave address register U2
SARU2
8
8
2, 3 PCLKB
2 ICLK
0008 832Fh
RIIC1
Slave address register L2
SARL2
8
8
2, 3 PCLKB
2 ICLK
0008 8330h
RIIC1
I2C bus bit rate low-level register
ICBRL
8
8
2, 3 PCLKB
2 ICLK
0008 8331h
RIIC1
I2C bus bit rate high-level register
ICBRH
8
8
2, 3 PCLKB
2 ICLK
0008 8332h
RIIC1
I2C bus transmit data register
ICDRT
8
8
2, 3 PCLKB
2 ICLK
0008 8333h
RIIC1
I2C bus receive data register
ICDRR
8
8
2, 3 PCLKB
2 ICLK
0008 8340h
RIIC2
I2C bus control register 1
ICCR1
8
8
2, 3 PCLKB
2 ICLK
0008 8341h
RIIC2
I2C bus control register 2
ICCR2
8
8
2, 3 PCLKB
2 ICLK
0008 8342h
RIIC2
I2C bus mode register 1
ICMR1
8
8
2, 3 PCLKB
2 ICLK
0008 8343h
RIIC2
I2C bus mode register 2
ICMR2
8
8
2, 3 PCLKB
2 ICLK
0008 8344h
RIIC2
I2C bus mode register 3
ICMR3
8
8
2, 3 PCLKB
2 ICLK
0008 8345h
RIIC2
I2C bus function enable register
ICFER
8
8
2, 3 PCLKB
2 ICLK
0008 8346h
RIIC2
I2C bus status enable register
ICSER
8
8
2, 3 PCLKB
2 ICLK
0008 8347h
RIIC2
I2C bus interrupt enable register
ICIER
8
8
2, 3 PCLKB
2 ICLK
0008 8348h
RIIC2
I2C bus status register 1
ICSR1
8
8
2, 3 PCLKB
2 ICLK
0008 8349h
RIIC2
I2C bus status register 2
ICSR2
8
8
2, 3 PCLKB
2 ICLK
0008 834Ah
RIIC2
Slave address register U0
SARU0
8
8
2, 3 PCLKB
2 ICLK
0008 834Bh
RIIC2
Slave address register L0
SARL0
8
8
2, 3 PCLKB
2 ICLK
0008 834Ch
RIIC2
Slave address register U1
SARU1
8
8
2, 3 PCLKB
2 ICLK
0008 834Dh
RIIC2
Slave address register L1
SARL1
8
8
2, 3 PCLKB
2 ICLK
0008 834Eh
RIIC2
Slave address register U2
SARU2
8
8
2, 3 PCLKB
2 ICLK
0008 834Fh
RIIC2
Slave address register L2
SARL2
8
8
2, 3 PCLKB
2 ICLK
0008 8350h
RIIC2
I2C bus bit rate low-level register
ICBRL
8
8
2, 3 PCLKB
2 ICLK
0008 8351h
RIIC2
I2C bus bit rate high-level register
ICBRH
8
8
2, 3 PCLKB
2 ICLK
0008 8352h
RIIC2
I2C bus transmit data register
ICDRT
8
8
2, 3 PCLKB
2 ICLK
0008 8353h
RIIC2
I2C bus receive data register
ICDRR
8
8
2, 3 PCLKB
2 ICLK
0008 8360h
RIIC3
I2C bus control register 1
ICCR1
8
8
2, 3 PCLKB
2 ICLK
0008 8361h
RIIC3
I2C bus control register 2
ICCR2
8
8
2, 3 PCLKB
2 ICLK
0008 8362h
RIIC3
I2C bus mode register 1
ICMR1
8
8
2, 3 PCLKB
2 ICLK
0008 8363h
RIIC3
I2C bus mode register 2
ICMR2
8
8
2, 3 PCLKB
2 ICLK
0008 8364h
RIIC3
I2C bus mode register 3
ICMR3
8
8
2, 3 PCLKB
2 ICLK
0008 8365h
RIIC3
I2C bus function enable register
ICFER
8
8
2, 3 PCLKB
2 ICLK
0008 8366h
RIIC3
I2C bus status enable register
ICSER
8
8
2, 3 PCLKB
2 ICLK
0008 8367h
RIIC3
I2C bus interrupt enable register
ICIER
8
8
2, 3 PCLKB
2 ICLK
0008 8368h
RIIC3
I2C bus status register 1
ICSR1
8
8
2, 3 PCLKB
2 ICLK
0008 8369h
RIIC3
I2C bus status register 2
ICSR2
8
8
2, 3 PCLKB
2 ICLK
0008 836Ah
RIIC3
Slave address register U0
SARU0
8
8
2, 3 PCLKB
2 ICLK
0008 836Bh
RIIC3
Slave address register L0
SARL0
8
8
2, 3 PCLKB
2 ICLK
0008 836Ch
RIIC3
Slave address register U1
SARU1
8
8
2, 3 PCLKB
2 ICLK
0008 836Dh
RIIC3
Slave address register L1
SARL1
8
8
2, 3 PCLKB
2 ICLK
0008 836Eh
RIIC3
Slave address register U2
SARU2
8
8
2, 3 PCLKB
2 ICLK
0008 836Fh
RIIC3
Slave address register L2
SARL2
8
8
2, 3 PCLKB
2 ICLK
0008 8370h
RIIC3
I2C bus bit rate low-level register
ICBRL
8
8
2, 3 PCLKB
2 ICLK
Table 4.1
List of I/O Registers (Address Order) (18/44)
Address
Module
Symbol
Register Name
Register Symbol
Number
of Bits
Access
Size
Number of Access States
ICLK
PCLK
ICLK<PCLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com