Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F2136CSDFA Datasheet(PDF) 34 Page - Renesas Technology Corp

Part # R5F2136CSDFA
Description  RENESAS MCU
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F2136CSDFA Datasheet(HTML) 34 Page - Renesas Technology Corp

Back Button R5F2136CSDFA Datasheet HTML 30Page - Renesas Technology Corp R5F2136CSDFA Datasheet HTML 31Page - Renesas Technology Corp R5F2136CSDFA Datasheet HTML 32Page - Renesas Technology Corp R5F2136CSDFA Datasheet HTML 33Page - Renesas Technology Corp R5F2136CSDFA Datasheet HTML 34Page - Renesas Technology Corp R5F2136CSDFA Datasheet HTML 35Page - Renesas Technology Corp R5F2136CSDFA Datasheet HTML 36Page - Renesas Technology Corp R5F2136CSDFA Datasheet HTML 37Page - Renesas Technology Corp R5F2136CSDFA Datasheet HTML 38Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 61 page
background image
R8C/36T-A Group
4. Electrical Characteristics
R01DS0055EJ0100 Rev.1.00
Page 34 of 58
Dec 09, 2011
4.2
Recommended Operating Conditions
Note:
1. The average output current indicates the average value of current measured during 100 ms.
Table 4.2
Recommended Operating Conditions (1)
(Vcc = 1.8 V to 5.5 V, Topr =
20°C to 85°C (N version)/40°C to 85°C (D version),
unless otherwise specified)
Symbol
Parameter
Conditions
Standard
Unit
Min.
Typ.
Max.
VCC/AVCC
Supply voltage
1.8
―
5.5
V
VSS/AVSS
Supply voltage
―
0
―
V
VIH
Input high
voltage
Other than CMOS input
0.8VCC
―
VCC
V
CMOS
input
Input level
switching
function
(I/O port)
Input level
selection:
0.35VCC
4.0 V
 VCC  5.5 V
0.5VCC
―
VCC
V
2.7 V
 VCC  4.0 V
0.55VCC
―
VCC
V
1.8 V
 VCC  2.7 V
0.65VCC
―
VCC
V
Input level
selection:
0.5VCC
4.0 V
 VCC  5.5 V
0.65VCC
―
VCC
V
2.7 V
 VCC  4.0 V
0.7VCC
―
VCC
V
1.8 V
 VCC  2.7 V
0.8VCC
―
VCC
V
Input level
selection:
0.7VCC
4.0 V
 VCC  5.5 V
0.85VCC
―
VCC
V
2.7 V
 VCC  4.0 V
0.85VCC
―
VCC
V
1.8 V
 VCC  2.7 V
0.85VCC
―
VCC
V
External clock input (XOUT)
1.2
―
VCC
V
VIL
Input low
voltage
Other than CMOS input
0
―
0.2VCC
V
CMOS
input
Input level
switching
function
(I/O port)
Input level
selection:
0.35VCC
4.0 V
 VCC  5.5 V
0
―
0.2VCC
V
2.7 V
 VCC  4.0 V
0
―
0.2VCC
V
1.8 V
 VCC  2.7 V
0
―
0.2VCC
V
Input level
selection:
0.5VCC
4.0 V
 VCC  5.5 V
0
―
0.4VCC
V
2.7 V
 VCC  4.0 V
0
―
0.3VCC
V
1.8 V
 VCC  2.7 V
0
―
0.2VCC
V
Input level
selection:
0.7VCC
4.0 V
 VCC  5.5 V
0
―
0.55VCC
V
2.7 V
 VCC  4.0 V
0
―
0.45VCC
V
1.8 V
 VCC  2.7 V
0
―
0.35VCC
V
External clock input (XOUT)
0
―
0.4
V
IOH(sum)
Peak sum output high
current
Sum of all pins IOH(peak)
――
80
mA
IOH(sum)
Average sum output high
current
Sum of all pins IOH(avg)
――
40
mA
IOH(peak)
Peak output high current
When drive capacity is low
――
10
mA
When drive capacity is high
――
40
mA
IOH(avg)
Average output high
current
When drive capacity is low
――
5mA
When drive capacity is high
――
20
mA
IOL(sum)
Peak sum output low
current
Sum of all pins IOL(peak)
――
80
mA
IOL(sum)
Average sum output low
current
Sum of all pins IOL(avg)
――
40
mA
IOL(peak)
Peak output low current
When drive capacity is low
――
10
mA
When drive capacity is high
――
40
mA
IOL(avg)
Average output low
current
When drive capacity is low
――
5mA
When drive capacity is high
――
20
mA
f(XIN)
XIN clock input oscillation frequency
2.7 V
 VCC  5.5 V
――
20
MHz
1.8 V
 VCC  2.7 V
――
5MHz
f(XCIN)
XCIN clock input oscillation frequency
1.8 V
 VCC  5.5 V
―
32.768
50
kHz
fHOCO
Count source for timer RC
2.7 V
 VCC  5.5 V
32
―
40
MHz
fHOCO-F
fHOCO-F frequency
2.7 V
 VCC  5.5 V
――
20
MHz
1.8 V
 VCC  2.7 V
――
5MHz
—
System clock frequency
2.7 V
 VCC  5.5 V
――
20
MHz
1.8 V
 VCC  2.7 V
――
5MHz
f(BCLK)
CPU clock frequency
2.7 V
 VCC  5.5 V
――
20
MHz
1.8 V
 VCC  2.7 V
――
5MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com