Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F5630ACDFB Datasheet(PDF) 127 Page - Renesas Technology Corp

Part # R5F5630ACDFB
Description  Renesas MCUs
PDF  165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F5630ACDFB Datasheet(HTML) 127 Page - Renesas Technology Corp

Back Button R5F5630ACDFB Datasheet HTML 123Page - Renesas Technology Corp R5F5630ACDFB Datasheet HTML 124Page - Renesas Technology Corp R5F5630ACDFB Datasheet HTML 125Page - Renesas Technology Corp R5F5630ACDFB Datasheet HTML 126Page - Renesas Technology Corp R5F5630ACDFB Datasheet HTML 127Page - Renesas Technology Corp R5F5630ACDFB Datasheet HTML 128Page - Renesas Technology Corp R5F5630ACDFB Datasheet HTML 129Page - Renesas Technology Corp R5F5630ACDFB Datasheet HTML 130Page - Renesas Technology Corp R5F5630ACDFB Datasheet HTML 131Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 127 / 165 page
background image
R01DS0060EJ0100 Rev.1.00
Page 127 of 168
Sep 13, 2011
RX630 Group
5. Electrical Characteristics
5.4.1
Reset Timing
Note: • Do not allow a reset by the signal on the RES# pin during programming or erasure of the ROM or E2 DataFlash memory or
during blank checking of the E2 DataFlash memory. For details, see section 42.14, Usage Notes, in section 42, ROM (Flash
Memory for Code Storage).
Figure 5.11
Reset Input Timing at Power-On
Figure 5.12
Reset Input Timing
Table 5.11
Reset Timing
Conditions: VCC = AVCC0 = VCC_USB = VBATT = 2.7 to 3.6 V, VREFH/VREFH0 = 2.7 V to AVCC0,
VSS = AVSS0 = VREFL/VREFL0 = VSS_USB = 0 V, Ta = Topr
Item
Symbol
Min.
Typ.
Max.
Unit
Test
Conditions
RES# pulse
width
Power-on
tRESWP
2
—
—
ms
Figure 5.11
Deep software standby mode
tRESWD
1
—
—
ms
Figure 5.12
Software standby mode, low-speed
operating mode 2
tRESWS
1—
—
ms
Other than above
(except for programming or erasure of the
ROM or E2 data-flash memory or blank
checking of the E2 DataFlash memory)
tRESW
200
—
—
µs
Wait time after RES# cancellation
tRESWT
59
—
60
tcyc
Internal reset time
(independent watchdog timer reset, watchdog timer reset,
software reset)
tRESW2
112
—
120
tcyc
VCC
RES#
tRESWP
Internal reset
tRESWT
RES#
Internal reset
tRESWT
tRESWD, tRESWS, tRESW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com