Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F5630ADDFB Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # R5F5630ADDFB
Description  Renesas MCUs
PDF  165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F5630ADDFB Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button R5F5630ADDFB Datasheet HTML 6Page - Renesas Technology Corp R5F5630ADDFB Datasheet HTML 7Page - Renesas Technology Corp R5F5630ADDFB Datasheet HTML 8Page - Renesas Technology Corp R5F5630ADDFB Datasheet HTML 9Page - Renesas Technology Corp R5F5630ADDFB Datasheet HTML 10Page - Renesas Technology Corp R5F5630ADDFB Datasheet HTML 11Page - Renesas Technology Corp R5F5630ADDFB Datasheet HTML 12Page - Renesas Technology Corp R5F5630ADDFB Datasheet HTML 13Page - Renesas Technology Corp R5F5630ADDFB Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 165 page
background image
R01DS0060EJ0100 Rev.1.00
Page 10 of 168
Sep 13, 2011
RX630 Group
1. Overview
Figure 1.1
How to Read the Product Part Number
Type of memory
F: Flash memory version
Package type, number of pins, and pin pitch
FC: LQFP/176/0.50
BG: LFBGA/176/0.80
LC: TFLGA/177/0.50
FB: LQFP/144/0.50
LK: TFLGA/145/0.50
FP: LQFP/100/0.50
LA: TFLGA/100/0.50
FN: LQFP/80/0.50
ROM, RAM, and E2 data flash capacity
E: 2 Mbytes/128 Kbytes/32 Kbytes
D: 1.5 Mbytes/128 Kbytes/32 Kbytes
B: 1 Mbyte/96 Kbytes/32 Kbytes
A: 768 Kbytes/96 Kbytes/32 Kbytes
8: 512 Kbytes/64 Kbytes/32 Kbytes
7: 384 Kbytes/64 Kbytes/32 Kbytes
Group name
30: RX630 Group
Renesas MCU
Renesas semiconductor product
C: CAN module not included
D: CAN module included
Series name
RX600 Series
R 5
F 5
6
D
F
N
C
7
0
3
D: Products with wide temperature-range spec. (–40 to +85°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com