| Electronic Components Datasheet Search |
|
R5F52105ADFK Datasheet(PDF) 49 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R5F52105ADFK Datasheet(HTML) 49 Page - Renesas Technology Corp |
|
49 / 146 page ![]() R01DS0041EJ0090 Rev.0.90 Page 49 of 144 Aug 10, 2011 RX210 Group 2. CPU Under development Preliminary document Specifications in this document are tentative and subject to change. 2.8.2 Instructions and Pipeline Processing The operands in the table below indicate the following meaning. #IMM: Immediate Rs, Rs2, Rd, Rd2, Ri, Rb: General-purpose register, CR: Control register dsp: dsp5, dsp8, dsp16, dsp24 pcdsp: pcdsp3, pcdsp8, pcdsp16, pcdsp24 2.8.2.1 Instructions Converted into Single Micro-Operation and Pipeline Processing The table below lists the instructions that are converted into a single micro-operation. The number of cycles in the table indicates the number of cycles during no-wait memory access. Note 1. The number of cycles for the dividing instruction varies according to the divisor and dividend. Note 2. For the number of cycles for throughput and latency, see section 2.8.3, Calculation of the Instruction Processing Time. Table 2.13 Instructions that are Converted into a Single Micro-Operation Instruction Mnemonic (indicates the common operation when the size is omitted) Reference Figure Number of Cycles Arithmetic/logic instructions (register-register, immediate-register) Except EMUL, EMULU, RMPA, DIV, DIVU and SATR {ABS, ADC, ADD, AND, CMP, MAX, MIN, MUL, NEG, NOP, NOT, OR, ROLC, RORC, ROTL, ROTR, SAT, SBB, SHAR, SHLL, SHLR, SUB, TST, XOR} “#IMM, Rd”/“Rd”/ “Rs, Rd”/“Rs, Rs2, Rd” Figure 2.10 1 Arithmetic/logic instructions (division) DIV “#IMM, Rd”/“Rs, Rd” Figure 2.10 3 to 20*1 DIVU “#IMM, Rd”/“Rs, Rd” Figure 2.10 2 to 18*1 Data transfer instructions (register-register, immediate-register) {MOV, MOVU, REVL, REVW} “#IMM, Rd”/“Rs, Rd” SCCnd “Rd” {STNZ, STZ} “#IMM, Rd” Figure 2.10 1 Transfer instructions (load operation) {MOV, MOVU} “[Rs], Rd”/“dsp[Rs], Rd”/“[Rs+], Rd”/ “[–Rs], Rd”/“Rs, [Ri, Rb]” POP “Rd” Figure 2.11 Throughput: 1 Latency: 2*2 Transfer instructions (store operation) MOV “Rs, [Rd]”/“Rs, dsp[Rd]”/“Rs, [Rd+]”/“Rs, [–Rd]”/ “Rs, [Ri, Rb]” PUSH “Rs” PUSHC “CR” Figure 2.12 1 Bit manipulation instructions (register) {BCLR, BNOT, BSET, BTST} “#IMM, Rd”/“Rs, Rd” BMCnd “#IMM, Rd” Figure 2.10 1 Branch instructions BCnd “pcdsp” {BRA, BSR} “pcdsp”/“Rs” {JMP, JSR} “Rs” Figure 2.20 Branch taken: 3 Branch not taken: 1 System manipulation instructions CLRPSW, SETPSW “#IMM” MVTC “#IMM, CR”/“Rs, CR” MVFC “CR, Rd” MVTIPL“#IMM” —1 DSP instructions {MACHI, MACLO, MULHI, MULLO} “Rs, Rs2” {MVFACHI, MVFACMI} “Rd” {MVTACHI, MVTACLO} “Rs” RACW“#IMM” Figure 2.10 1 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |