Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F5631ACDFB Datasheet(PDF) 41 Page - Renesas Technology Corp

Part # R5F5631ACDFB
Description  Renesas MCUs
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F5631ACDFB Datasheet(HTML) 41 Page - Renesas Technology Corp

Back Button R5F5631ACDFB Datasheet HTML 37Page - Renesas Technology Corp R5F5631ACDFB Datasheet HTML 38Page - Renesas Technology Corp R5F5631ACDFB Datasheet HTML 39Page - Renesas Technology Corp R5F5631ACDFB Datasheet HTML 40Page - Renesas Technology Corp R5F5631ACDFB Datasheet HTML 41Page - Renesas Technology Corp R5F5631ACDFB Datasheet HTML 42Page - Renesas Technology Corp R5F5631ACDFB Datasheet HTML 43Page - Renesas Technology Corp R5F5631ACDFB Datasheet HTML 44Page - Renesas Technology Corp R5F5631ACDFB Datasheet HTML 45Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 108 page
background image
R01DS0098EJ0090 Rev.0.90
Page 41 of 106
Dec 27, 2011
RX63N Group, RX631 Group
1. Overview
Under development Preliminary document
Specifications in this document are tentative and subject to change.
65
TRDATA0
P80
EDREQ0
MTIOC3B/PO26
SCK10/ET_TX_EN/
RMII_TXD_EN
66
PC4
A20/CS3#
MTIOC3D/MTCLKC/
TIOCC6/TCLKE/
TMCI1/PO25/POE0#
SCK5/CTS8#/RTS8#/
SS8#/SSLA0/
ET_TX_CLK
67
PC3
A19
MTIOC4D/TCLKB/
PO24
TXD5/SMOSI5/SSDA5/
IETXD/ET_TX_ER
68
P77
CS7#
PO23
TXD11/SMOSI11/
SSDA11/ET_RX_ER/
RMII_RX_ER
69
P76
CS6#
PO22
RXD11/SMISO11/
SSCL11/ET_RX_CLK/
REF50CK
70
PC2
A18
MTIOC4B/TCLKA/
PO21
RXD5/SMISO5/SSCL5/
SSLA3/IERXD/
ET_RX_DV
71
P75
CS5#
PO20
SCK11/ET_ERXD0/
RMII_RXD0
72
P74
CS4#
PO19
CTS11#/RTS11#/
SS11#/ET_ERXD1/
RMII_RXD1
73
PC1
A17
MTIOC3A/TCLKD/
PO18
SCK5/SSLA2/SDA3/
ET_ERXD2
IRQ12
74
VCC
75
PC0
A16
MTIOC3C/TCLKC/
PO17
CTS5#/RTS5#/SS5#/
SSLA1/SCL3/
ET_ERXD3
IRQ14
76
VSS
77
P73
CS3#
PO16
ET_WOL
78
PB7
A15
MTIOC3B/TIOCB5/
PO31
TXD9/SMOSI9/SSDA9/
ET_CRS/
RMII_CRS_DV
79
PB6
A14
MTIOC3D/TIOCA5/
PO30
RXD9/SMISO9/SSCL9/
ET_ETXD1/RMII_TXD1
80
PB5
A13
MTIOC2A/MTIOC1B/
TIOCB4/TMRI1/PO29/
POE1#
SCK9/ET_ETXD0/
RMII_TXD0
81
PB4
A12
TIOCA4/PO28
CTS9#/RTS9#/SS9#/
ET_TX_EN/
RMII_TXD_EN
82
PB3
A11
MTIOC0A/MTIOC4A/
TIOCD3/TCLKD/TMO0/
PO27/POE3#
SCK4/SCK6/
ET_RX_ER/
RMII_RX_ER
83
PB2
A10
TIOCC3/TCLKC/PO26
CTS4#/RTS4#/CTS6#/
RTS6#/SS4#/SS6#/
ET_RX_CLK/REF50CK
84
PB1
A9
MTIOC0C/MTIOC4C/
TIOCB3/TMCI0/PO25
TXD4/TXD6/SMOSI4/
SMOSI6/SSDA4/
SSDA6/ET_ERXD0/
RMII_RXD0
IRQ4-DS
85
P72
CS2#
ET_MDC
86
P71
CS1#
ET_MDIO
87
PB0
A8
MTIC5W/TIOCA3/
PO24
RXD4/RXD6/SMISO4/
SMISO6/SSCL4/
SSCL6/RSPCKA/
T_ERXD1/RMII_RXD1
IRQ12
88
PA7
A7
TIOCB2/PO23
MISOA/ET_WOL
89
PA6
A6
MTIC5V/MTCLKB/
TIOCA2/TMCI3/PO22/
POE2#
CTS5#/RTS5#/SS5#
MOSIA/ET_EXOUT
90
PA5
A5
TIOCB1/PO21
RSPCKA/ET_LINKSTA
Table 1.8
List of Pins and Pin Functions (144-Pin LQFP) (3/5)
Pin No.
Power Supply
Clock
System Control
I/O Port
Bus
EXDMAC
Timers
Communications
Interrupt
S12AD
AD
DA
144-pin
LQFP
(MTU, TPU, TMR, PPG,
RTC, POE)
(ETHERC, SCIc, SCId,
RSPI, RIIC, CAN, IEB,
USB)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com