Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WTPB16A60SW Datasheet(PDF) 1 Page - Shenzhen Winsemi Microelectronics Co., Ltd

Part # WTPB16A60SW
Description  Sensitive Gate Bi-Directional Triode Thyristor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINSEMI [Shenzhen Winsemi Microelectronics Co., Ltd]
Direct Link  http://www.winsemi.com
Logo WINSEMI - Shenzhen Winsemi Microelectronics Co., Ltd

WTPB16A60SW Datasheet(HTML) 1 Page - Shenzhen Winsemi Microelectronics Co., Ltd

  WTPB16A60SW Datasheet HTML 1Page - Shenzhen Winsemi Microelectronics Co., Ltd WTPB16A60SW Datasheet HTML 2Page - Shenzhen Winsemi Microelectronics Co., Ltd WTPB16A60SW Datasheet HTML 3Page - Shenzhen Winsemi Microelectronics Co., Ltd WTPB16A60SW Datasheet HTML 4Page - Shenzhen Winsemi Microelectronics Co., Ltd WTPB16A60SW Datasheet HTML 5Page - Shenzhen Winsemi Microelectronics Co., Ltd WTPB16A60SW Datasheet HTML 6Page - Shenzhen Winsemi Microelectronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Rev. C
Nov.2008
T01-3
Symbol
Parameter
Value
Units
VDRM/VPRM
Peak Repetitive Forward Blocking Voltage(gate open)
(Note 1)
600
V
IT(RMS)
Forward Current RMS (All Conduction Angles, TJ=58
℃)
16
A
ITSM
Peak Forward Surge Current,
(full Cycle, Sine Wave, 50/60 Hz)
160/168
A
I2t
Circuit Fusing Considerations
(tp= 10 ms)
144
A2s
PGM
Peak Gate Power — Forward, (TJ = 58°C,Pulse with≤1.0us)
5
W
PG(AV)
Average Gate Power — Forward, (Over any 20ms period)
1
W
dI/dt
Critical rate of rise of on-state current
ITM = 20A; IG = 200mA; dIG/dt = 200mA/µs
TJ=125℃
50
A/μs
IFGM
Peak Gate Current — Forward, TJ = 125°C (20 µs, 120 PPS)
4
A
VRGM
Peak Gate Voltage — Reverse, TJ= 125°C (20 µs, 120 PPS)
10
V
TJ,
Junction Temperature
-40~125
℃
Tstg
Storage Temperature
-40~150
℃
Copyright@Winsemi Microelectronics Co., Ltd., All right reserved.
WTPB16A60SW
S
S
S
Se
e
e
en
n
n
nsi
si
si
sittttive
ive
ive
ive G
G
G
Ga
a
a
atttte
e
e
e
B
B
B
Biiii----D
D
D
Dir
ir
ir
ire
e
e
ect
ct
ct
ctiiiio
o
o
on
n
n
nal
al
al
al Tri
Tri
Tri
Trio
o
o
od
d
d
de
e
e
e T
T
T
Th
h
h
hy
y
y
yri
ri
ri
rist
st
st
sto
o
o
orrrr
F
F
F
Fea
ea
ea
eattttu
u
u
urrrres
es
es
es
■ Repetitive Peak off-State Voltage: 600V
■ R.M.S On-State Current(IT(RMS)=16A
■ Low on-state voltage: VTM=1.55V(Max.)@ IT=22.5A
■ High Commutation dV/dt.
■Halogen free(WTPB16A60SW-HF)
G
G
G
Ge
e
e
en
n
n
ne
e
e
errrral
al
al
al D
D
D
Desc
esc
esc
escri
ri
ri
rip
p
p
pti
ti
ti
tio
o
o
on
n
n
n
General purpose swiTJhing and phase control applications.
These devices are intended to be interfaced directly to micro-
controllers, logic integrated circuits and other low power gate
trigger circuits such as fan speed and temperature modulation
control, lighting control and static switching relay.
A
A
A
Ab
b
b
bs
s
s
so
o
o
ollllu
u
u
utttte
e
e
e M
M
M
Max
ax
ax
axim
im
im
imu
u
u
um
m
m
m R
R
R
Ra
a
a
ati
ti
ti
ting
ng
ng
ngs
s
s
s
(TJ=25℃ unless otherwise specified)
No
No
No
Note1:
te1:
te1:
te1: .Although not recommended, off-state voltages up to 800V may be applied without damage, but the TRIAC may
swiTJh to the on-state. The rate of rise of current should not exceed 15A/us.
Th
Th
Th
The
e
e
erm
rm
rm
rmal
al
al
al Ch
Ch
Ch
Cha
a
a
arrrrac
ac
ac
actttte
e
e
eri
ri
ri
ris
s
s
sti
ti
ti
tics
cs
cs
cs
Symbol
Parameter
Value
Units
Min
Typ
Max
RQJC
Thermal Resistance, Junction-to-Case
-
-
1.6
℃/W
RQJA
Thermal Resistance, Junction-to-Ambient
-
-
60
℃/W


Similar Part No. - WTPB16A60SW

ManufacturerPart #DatasheetDescription
logo
Shenzhen Winsemi Microe...
WTPB12A60BW WINSEMI-WTPB12A60BW Datasheet
441Kb / 6P
Sensitive Gate Bi-Directional Triode Thyristor
WTPB12A60CW WINSEMI-WTPB12A60CW Datasheet
441Kb / 6P
Sensitive Gate Bi-Directional Triode Thyristor
More results

Similar Description - WTPB16A60SW

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BT134-F ETC-BT134-F Datasheet
670Kb / 6P
BI- DIRECTIONAL TRIODE THYRISTOR
STF4A60 ETC1-STF4A60 Datasheet
655Kb / 6P
Bi-Directional Triode Thyristor
logo
SemiWell Semiconductor
BT134F SEMIWELL-BT134F Datasheet
651Kb / 6P
Bi-Directional Triode Thyristor
BT136-D SEMIWELL-BT136-D Datasheet
605Kb / 5P
Bi-Directional Triode Thyristor
BTA08-600B SEMIWELL-BTA08-600B Datasheet
660Kb / 6P
Bi-Directional Triode Thyristor
BTA12-600B SEMIWELL-BTA12-600B Datasheet
643Kb / 6P
Bi-Directional Triode Thyristor
logo
Shenzhen Winsemi Microe...
WTPA12A60SW WINSEMI-WTPA12A60SW Datasheet
447Kb / 6P
Sensitive Gate Bi-Directional Triode Thyristor
WTPB12A60BW WINSEMI-WTPB12A60BW Datasheet
441Kb / 6P
Sensitive Gate Bi-Directional Triode Thyristor
WTPB12A60CW WINSEMI-WTPB12A60CW Datasheet
441Kb / 6P
Sensitive Gate Bi-Directional Triode Thyristor
WTPA12A80CW WINSEMI-WTPA12A80CW Datasheet
447Kb / 6P
Sensitive Gate Bi-Directional Triode Thyristor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com