Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RJM0404JSC Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # RJM0404JSC
Description  Silicon N/P Channel Power MOS FET (6 in 1 Type) High Speed Power Switching
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RJM0404JSC Datasheet(HTML) 1 Page - Renesas Technology Corp

  RJM0404JSC Datasheet HTML 1Page - Renesas Technology Corp RJM0404JSC Datasheet HTML 2Page - Renesas Technology Corp RJM0404JSC Datasheet HTML 3Page - Renesas Technology Corp RJM0404JSC Datasheet HTML 4Page - Renesas Technology Corp RJM0404JSC Datasheet HTML 5Page - Renesas Technology Corp RJM0404JSC Datasheet HTML 6Page - Renesas Technology Corp RJM0404JSC Datasheet HTML 7Page - Renesas Technology Corp RJM0404JSC Datasheet HTML 8Page - Renesas Technology Corp RJM0404JSC Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
R07DS0338EJ0500 Rev.5.00
Page 1 of 11
May 11, 2011
Preliminary Datasheet
RJM0404JSC
Silicon N/P Channel Power MOS FET (6 in 1 Type)
High Speed Power Switching
Features
 For Automotive applications
 AEC-Q101 compliant
 N/P Channel MOS FET (6 in 1 Type). High density mounting
 Low on-resistance
 Capable of 4.5 V gate drive
Outline
RENESAS Package Code: PRSP0020DF-A
(Package Name: HSOP-20)
14
S
19
S
11
S
MOS5
Pch
MOS6
Pch
MOS4
Pch
MOS2
Nch
MOS1
Nch
MOS3
Nch
12
G
17
G
10
G
7
G
S
4
S
9
S
1
20
G
2
G
D 8,13,23
D 5,6,15,16,22
D 3,18,21
R07DS0338EJ0500
Rev.5.00
May 11, 2011


Similar Part No. - RJM0404JSC

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJM0404JSC RENESAS-RJM0404JSC_15 Datasheet
155Kb / 12P
Silicon N/P Channel Power MOS FET (6 in 1 Type) High Speed Power Switching
More results

Similar Description - RJM0404JSC

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HAT3008RJ HITACHI-HAT3008RJ Datasheet
81Kb / 15P
Silicon N/P Channel Power MOS FET High Speed Power Switching
logo
Renesas Technology Corp
HAT3010R RENESAS-HAT3010R Datasheet
149Kb / 16P
Silicon N/P Channel Power MOS FET High Speed Power Switching
RJM0306JSP RENESAS-RJM0306JSP_10 Datasheet
127Kb / 12P
Silicon N / P Channel Power MOS FET High Speed Power Switching
RJM0603JSC RENESAS-RJM0603JSC Datasheet
156Kb / 12P
Silicon N/P Channel Power MOS FET (6 in 1 Type) High Speed Power Switching
RJM0407JSC RENESAS-RJM0407JSC Datasheet
156Kb / 12P
40 V - 20 A - N/P Channel Power MOS FET (6 in 1 Type) High Speed Power Switching
RJM0404JSC RENESAS-RJM0404JSC_15 Datasheet
155Kb / 12P
Silicon N/P Channel Power MOS FET (6 in 1 Type) High Speed Power Switching
RJM0603JSC RENESAS-RJM0603JSC_15 Datasheet
156Kb / 12P
Silicon N/P Channel Power MOS FET (6 in 1 Type) High Speed Power Switching
HAT3015R RENESAS-HAT3015R_15 Datasheet
82Kb / 6P
Silicon N/P Channel Power MOS FET High Speed Power Switching
HAT3010R RENESAS-HAT3010R_15 Datasheet
136Kb / 12P
Silicon N / P Channel Power MOS FET High Speed Power Switching
HAT3008R RENESAS-HAT3008R_15 Datasheet
278Kb / 14P
Silicon N / P Channel Power MOS FET High Speed Power Switching
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com