Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SY88923KCTR Datasheet(PDF) 5 Page - Micrel Semiconductor

Part # SY88923KCTR
Description  2.5Gbps HIGH-SPEED LIMITING POST AMPLIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY88923KCTR Datasheet(HTML) 5 Page - Micrel Semiconductor

  SY88923KCTR Datasheet HTML 1Page - Micrel Semiconductor SY88923KCTR Datasheet HTML 2Page - Micrel Semiconductor SY88923KCTR Datasheet HTML 3Page - Micrel Semiconductor SY88923KCTR Datasheet HTML 4Page - Micrel Semiconductor SY88923KCTR Datasheet HTML 5Page - Micrel Semiconductor SY88923KCTR Datasheet HTML 6Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5
SY88923
Micrel, Inc.
M9999-061907
hbwhelp@micrel.com or (408) 955-1690
APPLICATION EXAMPLE FOR 3-CHIP SET SOLUTION
GBIC Terminal
200Ω
200Ω
68Ω
68Ω
200Ω
200Ω
68Ω
68Ω
24Ω
REXT
Laserdiode
Photodiode
1000pF
BLM21A102S
20kΩ
0.1µF
130Ω
130Ω
82Ω
82Ω



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com