| Electronic Components Datasheet Search |
|
SY87813L Datasheet(PDF) 21 Page - Micrel Semiconductor |
|
|
|||||||||||||||||||||||||||||
SY87813L Datasheet(HTML) 21 Page - Micrel Semiconductor |
|
21 / 35 page ![]() April 2009 21 KS8993 KS8993 Micrel MII Interface Operation The MII (Media Independent Interface) operates in either a forward or reverse mode. In the forward mode, the KS8993 MII acts like a MAC and in the reverse mode, it acts like a PHY device. This interface is specified by the IEEE 802.3 committee and provides a common interface between physical layer and MAC layer devices. There are two distinct groups, one being for transmission and the other for receiving. The table below describes the signals used in this interface in forward and reverse modes. This interface is a nibble wide data interface and therefore runs at 1/4 the network bit rate (not encoded). Additional signals on the transmit side indicate when data is valid or when an error occurs during transmission. Likewise, the receive side has indicators that convey when the data is valid and without physical layer errors. For half-duplex operation there is a signal that indicates a collision has occurred during transmission. Note that the signal MRXER is not provided on the MII interface for the KS8993 for reverse operation and MTXER is not represented for forward mode. Normally this would indicate a receive / transmit error coming from the physical layer /MAC device, but is not appropriate for this configuration. If the connecting device has a MRXER pin, this should be tied low on the other device for reverse or if it has a MTXER pin in the forward mode it should also be tied low on the other device. Reverse MII Mode Connection Forward MII Mode Connection External MAC KS8993 Signal Description External PHY KS8993 Signal MTXEN MTXEN Transmit enable MTXEN MRXDV MTXER MTXER Transmit error MTXER Not used MTXD3 MTXD[3] Transmit data bit 3 MTXD3 MRXD[3] MTXD2 MTXD[2] Transmit data bit 2 MTXD2 MRXD[2] MTXD1 MTXD[1] Transmit data bit 1 MTXD1 MRXD[1] MTXD0 MTXD[0] Transmit data bit 0 MTXD0 MRXD[0] MTXC MTXCLK Transmit clock MTXC MTXCLK MCOL MCOL Collision detection MCOL MCOLIN MCRS MCRS Carrier sense MCRS MCRS MRXDV MRXDV Receive data valid MRXDV MTXEN MRXER Not used Receive error MRXER MTXER MRXD3 MRXD[3] Receive data bit 3 MRXD3 MTXD[3] MRXD2 MRXD[2] Receive data bit 2 MRXD2 MTXD[2] MRXD1 MRXD[1] Receive data bit 1 MRXD1 MTXD[1] MRXD0 MRXD[0] Receive data bit 0 MRXD0 MTXD[0] MRXC MRXCLK Receive clock MRXC MRXCLK Table 2. MII Interconnect |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |