Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SY100S341 Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # SY100S341
Description  8-BIT SHIFT REGISTER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY100S341 Datasheet(HTML) 1 Page - Micrel Semiconductor

  SY100S341_07 Datasheet HTML 1Page - Micrel Semiconductor SY100S341_07 Datasheet HTML 2Page - Micrel Semiconductor SY100S341_07 Datasheet HTML 3Page - Micrel Semiconductor SY100S341_07 Datasheet HTML 4Page - Micrel Semiconductor SY100S341_07 Datasheet HTML 5Page - Micrel Semiconductor SY100S341_07 Datasheet HTML 6Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
SY100S341
Micrel, Inc.
M9999-042307
hbwhelp@micrel.com or (408) 955-1690
Label
Function
CP
Clock Pulse Input
S0 — S1
Select Inputs
D0 — D7
Serial Inputs
P0 — P7
Parallel Inputs
Q0 — Q7
Data Outputs
VEES
VEE Substrate
VCCA
VCCO for ECL Outputs
SY100S341
8-BIT SHIFT
REGISTER
s Max. shift frequency of 600MHz
s Max. Clock to Q delay of 1200ps
s IEE min. of –150mA
s Industry standard 100K ECL levels
s Extended supply voltage option:
VEE = –4.2V to –5.5V
s Voltage and temperature compensation for improved
noise immunity
s Internal 75k
Ω input pull-down resistors
s 70% faster than Fairchild 300K at lower power
s Function and pinout compatible with Fairchild F100K
s Available in 28-pin PLCC package
FEATURES
DESCRIPTION
The SY100S341 offer eight D-type, edge-triggered flip-
flops with both individual inputs for parallel operation as
well as serial inputs for bidirectional shifting, and are
designed for use in high-performance ECL systems. Data
is clocked into the flip-flops on the rising edge of the clock.
The mode of operation is selected by two Select inputs
(S0, S1) which determine if the device performs a shift, hold
or parallel entry function, as described in the Truth Table.
The inputs on these devices have 75k
Ω pull-down resistors.
PIN NAMES
Rev.: I
Amendment: /0
Issue Date:
April 2007


Similar Part No. - SY100S341_07

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY100S341 MICREL-SY100S341_06 Datasheet
96Kb / 8P
8-BIT SHIFT REGISTER
More results

Similar Description - SY100S341_07

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10E141 ONSEMI-MC10E141 Datasheet
111Kb / 4P
8-BIT SHIFT REGISTER
1996 REV 3
logo
Toshiba Semiconductor
TC7MH165FK TOSHIBA-TC7MH165FK Datasheet
292Kb / 7P
8-BIT SHIFT REGISTER
logo
Hitachi Semiconductor
HD74AC166 HITACHI-HD74AC166 Datasheet
65Kb / 11P
8-bit Shift Register
logo
Micrel Semiconductor
SY10E141 MICREL-SY10E141 Datasheet
63Kb / 4P
8-BIT SHIFT REGISTER
logo
Toshiba Semiconductor
TC74ACT164F TOSHIBA-TC74ACT164F Datasheet
281Kb / 7P
8 BIT SHIFT REGISTER
logo
List of Unclassifed Man...
GD4021B ETC1-GD4021B Datasheet
67Kb / 2P
8-BIT SHIFT REGISTER
logo
Micrel Semiconductor
SY10E141 MICREL-SY10E141_06 Datasheet
63Kb / 4P
8-BIT SHIFT REGISTER
logo
Renesas Technology Corp
HD74LS166A RENESAS-HD74LS166A Datasheet
101Kb / 8P
8-bit Shift Register
HD74HC95 RENESAS-HD74HC95 Datasheet
90Kb / 7P
8-bit Shift Register
logo
Diodes Incorporated
74AHCT595 DIODES-74AHCT595 Datasheet
255Kb / 10P
8-BIT SHIFT REGISTER 8-BIT OUTPUT REGISTER
Rev 3
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com