Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SMBJ Datasheet(PDF) 5 Page - WILLAS ELECTRONIC CORP

Part # SMBJ
Description  600W SURFACE MOUNT GPP TRANSIENT VOLTAGE SUPPRESSOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WILLAS [WILLAS ELECTRONIC CORP]
Direct Link  http://www.willas.com.tw
Logo WILLAS - WILLAS ELECTRONIC CORP

SMBJ Datasheet(HTML) 5 Page - WILLAS ELECTRONIC CORP

  SMBJ Datasheet HTML 1Page - WILLAS ELECTRONIC CORP SMBJ Datasheet HTML 2Page - WILLAS ELECTRONIC CORP SMBJ Datasheet HTML 3Page - WILLAS ELECTRONIC CORP SMBJ Datasheet HTML 4Page - WILLAS ELECTRONIC CORP SMBJ Datasheet HTML 5Page - WILLAS ELECTRONIC CORP  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
600W SURFACE MOUNT GPP
TRANSIENT VOLTAGE SUPPRESSOR
SMB PACKAGE
Fig. 7 - Steady State Power Derating Curve
2009.9
WILLAS ELECTRONIC CORP.
WILLAS
TVS
SMBJ
SERIES
0.0
1.0
2.0
3.0
4.0
5.0
0
25
50
75
100
125
150
175
200
Lead Temperature , TL (℃)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com