Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MICRF505BML Datasheet(PDF) 22 Page - Micrel Semiconductor

Part # MICRF505BML
Description  850MHz and 950MHz ISM Band Transceiver
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF505BML Datasheet(HTML) 22 Page - Micrel Semiconductor

Back Button MICRF505BML Datasheet HTML 18Page - Micrel Semiconductor MICRF505BML Datasheet HTML 19Page - Micrel Semiconductor MICRF505BML Datasheet HTML 20Page - Micrel Semiconductor MICRF505BML Datasheet HTML 21Page - Micrel Semiconductor MICRF505BML Datasheet HTML 22Page - Micrel Semiconductor MICRF505BML Datasheet HTML 23Page - Micrel Semiconductor MICRF505BML Datasheet HTML 24Page - Micrel Semiconductor MICRF505BML Datasheet HTML 25Page - Micrel Semiconductor MICRF505BML Datasheet HTML 26Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 42 page
background image
Micrel
MICRF505
October 2006
22
M9999-103106
+1 408-944-0800
FEE
A6..A0
D7
D6
D5
D4
D3
D2
D1
D0
0010101
-
-
-
-
FEEC_3
FEEC_2
FEEC_1
FEEC_0
0010110
FEE_7
FEE_6
FEE_5
FEE_4
FEE_3
FEE_2
FEE_1
FEE_0
The
Frequency
Error
Estimator
(FEE)
uses
information from the demodulator to calculate the
frequency offset between it’s receive frequency and
the transmitter frequency. The output of the FEE can
be used to tune the XCO frequency, both for
production calibration and for compensation for
crystal temperature drift and aging.
The inputs to the FEE circuit are the UP and DN
pulses from the demodulator. Every time a ‘1’ is
updated, an UP-pulse is coming out of the
demodulator and the same with the DN-pulse every
time the ‘0’ is updated. The expected number of
pulses for every received symbol is 2 times the
modulation index (∆).
The FEE can be set in an off state or set to count
the UP+DN pulses. The number of received symbols
to be counted is 8, 16, 32 or 64. This is set by the
FEEC_0…FEEC_3 control bit, as follows:
FEEC_1
FEEC_0
FEE Mode
0
0
Off
0
1
Not in use
1
0
Not in use
1
1
Counting UP and DN pulses. UP increments
the counter, DN decrements it.
FEEC_3
FEEC_2
No. of symbols used for the measurement
0
0
8
0
1
16
1
0
32
1
1
65
Table 10. FEEC Control Bit
The result of the measurement is the FEE value.
The 8bit value can be read from register with
address 0010110b. After a load, the FEE will be
reset to 0, and will then be incremented or
decremented dependent of the frequency offset.
Positive FEE values are in the range 0 – 127, and
negative values in the range 128 – 255. For negative
values, the twos complement of the FEE value need
to be found before using the formula below. A FEE =
128 corresponds to ÷127 and FEE = 255
corresponds to ÷1.
When the FEE value has been read, the frequency
offset can be calculated as follows:
Mode UP+DN: Foffset = R/(4P)x(FEE),
where FEE is the value stored in the FEE register,
(P is the number of symbols/data bit counted and R
is the symbol/data rate. A positive Foffset means
that the received signal has a higher frequency than
the receiver frequency. To compensate for this, the
receivers XCO frequency should be increased (see
‘Using the XCO-tune Bits on how to tune the XCO
frequency based on the FEE value).
The most accurate reading will be achieved when
counting many symbols/data (P). However, attention
must be paid to the negative representation of the
FEE value. If the frequency offset is too large for the
chosen P, and the FEE is being incremented above
+127, the FEE value will be interpreted as a
negative number. If so, the P must be decremented.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com