Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MIC5310-2.8/2.6YML Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # MIC5310-2.8/2.6YML
Description  Dual 150mA 關Cap LDO in 2mm x 2mm MLF짰
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5310-2.8/2.6YML Datasheet(HTML) 3 Page - Micrel Semiconductor

  MIC5310-2.8/2.6YML Datasheet HTML 1Page - Micrel Semiconductor MIC5310-2.8/2.6YML Datasheet HTML 2Page - Micrel Semiconductor MIC5310-2.8/2.6YML Datasheet HTML 3Page - Micrel Semiconductor MIC5310-2.8/2.6YML Datasheet HTML 4Page - Micrel Semiconductor MIC5310-2.8/2.6YML Datasheet HTML 5Page - Micrel Semiconductor MIC5310-2.8/2.6YML Datasheet HTML 6Page - Micrel Semiconductor MIC5310-2.8/2.6YML Datasheet HTML 7Page - Micrel Semiconductor MIC5310-2.8/2.6YML Datasheet HTML 8Page - Micrel Semiconductor MIC5310-2.8/2.6YML Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Micrel, Inc.
MIC5310
March 2011
3
M9999-032411-
Ordering Information
Functional
Part number
Ordering
Part Number
Marking
1
VOUT1/VOUT2
2
Junction
Temperature Range
Package
3
MIC5310-1.8/1.5YML
MIC5310-GFYML
GFZ
1.8V/1.5V
–40°C to +125°C
8-Pin 2x2 MLF
®
MIC5310-1.8/1.8YML
MIC5310-GGYML
GGZ
1.8V/1.8V
–40°C to +125°C
8-Pin 2x2 MLF
®
MIC5310-1.8/1.6YML
MIC5310-GWYML
GWZ
1.8V/1.6V
–40°C to +125°C
8-Pin 2x2 MLF
®
MIC5310-2.5/1.8YML
MIC5310-JGYML
JGZ
2.5V/1.8V
–40°C to +125°C
8-Pin 2x2 MLF
®
MIC5310-2.5/2.5YML
MIC5310-JJYML
JJZ
2.5V/2.5V
–40°C to +125°C
8-Pin 2x2 MLF
®
MIC5310-2.6/1.85YML
MIC5310-KDYML
KDZ
2.6V/1.85
–40°C to +125°C
8-Pin 2x2 MLF
®
MIC5310-2.6/1.8YML
MIC5310-KGYML
KGZ
2.6V/1.8V
–40°C to +125°C
8-Pin 2x2 MLF
®
MIC5310-2.7/2.7YML
MIC5310-LLYML
LLZ
2.7V/2.7V
–40°C to +125°C
8-Pin 2x2 MLF
®
MIC5310-2.8/1.5YML
MIC5310-MFYML
MFZ
2.8V/1.5V
–40°C to +125°C
8-Pin 2x2 MLF
®
MIC5310-2.8/1.8YML
MIC5310-MGYML
MGZ
2.8V/1.8V
–40°C to +125°C
8-Pin 2x2 MLF
®
MIC5310-2.8/2.6YML
MIC5310-MKYML
MKZ
2.8V/2.6V
–40°C to +125°C
8-Pin 2x2 MLF
®
MIC5310-2.8/2.8YML
MIC5310-MMYML
MMZ
2.8V/2.8V
–40°C to +125°C
8-Pin 2x2 MLF
®
MIC5310-2.85/1.85YML
MIC5310-NDYML
NDZ
2.85V/1.85V
–40°C to +125°C
8-Pin 2x2 MLF
®
MIC5310-2.85/2.6YML
MIC5310-NKYML
NKZ
2.85V/2.6V
–40°C to +125°C
8-Pin 2x2 MLF
®
MIC5310-2.85/2.85YML
MIC5310-NNYML
NNZ
2.85V/2.85V
–40°C to +125°C
8-Pin 2x2 MLF
®
MIC5310-2.9/1.5YML
MIC5310-OFYML
OFZ
2.9V/1.5V
–40°C to +125°C
8-Pin 2x2 MLF
®
MIC5310-2.9/1.8YML
MIC5310-OGYML
OGZ
2.9V/1.8V
–40°C to +125°C
8-Pin 2x2 MLF
®
MIC5310-2.9/2.9YML
MIC5310-OOYML
OOZ
2.9V/2.9V
–40°C to +125°C
8-Pin 2x2 MLF
®
MIC5310-3.0/1.8YML
MIC5310-PGYML
PGZ
3.0V/1.8V
–40°C to +125°C
8-Pin 2x2 MLF
®
MIC5310-3.0/2.5YML
MIC5310-PJYML
PJZ
3.0V/2.5V
–40°C to +125°C
8-Pin 2x2 MLF
®
MIC5310-3.0/2.6YML
MIC5310-PKYML
PKZ
3.0V/2.6V
–40°C to +125°C
8-Pin 2x2 MLF
®
MIC5310-3.0/2.8YML
MIC5310-PMYML
PMZ
3.0V/2.8V
–40°C to +125°C
8-Pin 2x2 MLF
®
MIC5310-3.0/2.85YML
MIC5310-PNYML
PNZ
3.0V/2.85V
–40°C to +125°C
8-Pin 2x2 MLF
®
MIC5310-3.0/3.0YML
MIC5310-PPYML
PPZ
3.0V/3.0V
–40°C to +125°C
8-Pin 2x2 MLF
®
MIC5310-3.3/1.5YML
MIC5310-SFYML
SFZ
3.3V/1.5V
–40°C to +125°C
8-Pin 2x2 MLF
®
MIC5310-3.3/1.8YML
MIC5310-SGYML
SGZ
3.3V/1.8V
–40°C to +125°C
8-Pin 2x2 MLF
®
MIC5310-3.3/2.5YML
MIC5310-SJYML
SJZ
3.3V/2.5V
–40°C to +125°C
8-Pin 2x2 MLF
®
MIC5310-3.3/2.6YML
MIC5310-SKYML
SKZ
3.3V/2.6V
–40°C to +125°C
8-Pin 2x2 MLF
®
MIC5310-3.3/2.8YML
MIC5310-SMYML
SMZ
3.3V/2.8V
–40°C to +125°C
8-Pin 2x2 MLF
®
MIC5310-3.3/2.85YML
MIC5310-SNYML
SNZ
3.3V/2.85V
–40°C to +125°C
8-Pin 2x2 MLF
®
MIC5310-3.3/2.9YML
MIC5310-SOYML
SOZ
3.3V/2.9V
–40°C to +125°C
8-Pin 2x2 MLF
®
MIC5310-3.3/3.0YML
MIC5310-SPYML
SPZ
3.3V/3.0V
–40°C to +125°C
8-Pin 2x2 MLF
®
MIC5310-3.3/3.2YML
MIC5310-SRYML
SRZ
3.3V/3.2V
–40°C to +125°C
8-Pin 2x2 MLF
®
MIC5310-3.3/3.3YML
MIC5310-SSYML
SSZ
3.3V/3.3V
–40°C to +125°C
8-Pin 2x2 MLF
®
Notes:
1.
Over bar symbol ( ¯ ) may not be to scale. Over bar at Pin 1.
2.
Other voltage options available. Contact Micrel for more details.
3.
MLF® is a GREEN RoHS compliant package. Lead finish is NiPdAu. Mold compound is Halogen Free.
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com