Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MIC5310-2.85/2.6YML Datasheet(PDF) 9 Page - Micrel Semiconductor

Part # MIC5310-2.85/2.6YML
Description  Dual 150mA 關Cap LDO in 2mm x 2mm MLF짰
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5310-2.85/2.6YML Datasheet(HTML) 9 Page - Micrel Semiconductor

Back Button MIC5310-2.85/2.6YML Datasheet HTML 3Page - Micrel Semiconductor MIC5310-2.85/2.6YML Datasheet HTML 4Page - Micrel Semiconductor MIC5310-2.85/2.6YML Datasheet HTML 5Page - Micrel Semiconductor MIC5310-2.85/2.6YML Datasheet HTML 6Page - Micrel Semiconductor MIC5310-2.85/2.6YML Datasheet HTML 7Page - Micrel Semiconductor MIC5310-2.85/2.6YML Datasheet HTML 8Page - Micrel Semiconductor MIC5310-2.85/2.6YML Datasheet HTML 9Page - Micrel Semiconductor MIC5310-2.85/2.6YML Datasheet HTML 10Page - Micrel Semiconductor MIC5310-2.85/2.6YML Datasheet HTML 11Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
Micrel, Inc.
MIC5310
March 2011
9
M9999-032411-
Applications Information
Enable/Shutdown
The MIC5310 comes with dual active-high enable pins
that allow each regulator to be enabled independently.
Forcing the enable pin low disables the regulator and
sends it into a “zero” off mode current state. In this
state, current consumed by the regulator goes nearly
to zero. Forcing the enable pin high enables the
output voltage. The active high enable pin uses
CMOS technology and the enable pin cannot be left
floating; a floating enable pin may cause an
indeterminate state on the output.
Input Capacitor
The MIC5310 is a high-performance, high bandwidth
device. Therefore, it requires a well bypassed input
supply for optimal performance. A 1µF capacitor is
required from the input to ground to provide stability.
Low
ESR
ceramic
capacitors
provide
optimal
performance at a minimum of space. Additional high
frequency capacitors, such as small valued NPO
dielectric type capacitors, help filter out high frequency
noise and are good practice in any RF based circuit.
Output Capacitor
The MIC5310 requires an output capacitor of 1µF or
greater to maintain stability. The design is optimized
for use with low ESR ceramic chip capacitors. High
ESR capacitors may cause high frequency oscillation.
The
output
capacitor
can
be
increased,
but
performance has been optimized for a 1µF ceramic
output capacitor and does not improve significantly
with larger capacitance.
X7R/X5R dielectric type ceramic capacitors are
recommended
because
of
their
temperature
performance.
X7R
type
capacitors
change
capacitance by 15% over their operating temperature
range and are the most stable type of ceramic
capacitors. Z5U and Y5V dielectric capacitors change
value by as much as 50% and 60%, respectively, over
their operating temperature ranges. To use a ceramic
chip capacitor with Y5V dielectric, the value must be
much higher than an X7R ceramic capacitor to ensure
the same minimum capacitance over the equivalent
operating temperature range.
Bypass Capacitor
A capacitor can be placed from the noise bypass pin
to ground to reduce output voltage noise. The
capacitor bypasses the internal reference. A 0.1µF
capacitor is recommended for applications that require
low-noise outputs. The bypass capacitor can be
increased, further reducing noise and improving
PSRR. Turn on time increases slightly with respect to
bypass capacitance. A unique, quick start circuit
allows the MIC5310 to drive a large capacitor on the
bypass pin without significantly slowing turn on time.
No-Load Stability
Unlike many other voltage regulators, the MIC5310
will remain stable and in regulation with no load. This
is especially important in CMOS RAM keep alive
applications.
Thermal Considerations
The MIC5310 is designed to provide 150mA of
continuous current for both outputs in a very small
package. Maximum ambient operating temperature
can be calculated based on the output current and the
voltage drop across the part. Given that the input
voltage is 3.3V, the output voltage is 2.8V for VOUT1,
1.5V for VOUT2 and the output current = 150mA. The
actual power dissipation of the regulator circuit can be
determined using the equation:
PD = (VIN – VOUT1) IOUT1 + (VIN – VOUT2) IOUT2+ VIN IGND
Because this device is CMOS and the ground current
is typically <100µA over the load range, the power
dissipation contributed by the ground current is < 1%
and can be ignored for this calculation.
PD = (3.3V – 2.8V) × 150mA + (3.3V -1.5) × 150mA
PD = 0.345W
To determine the maximum ambient operating
temperature of the package, use the junction-to-
ambient thermal resistance of the device and the
following basic equation:
PD(MAX) =
TJ(MAX) - TA
JA
⎝
⎛
TJ(max) = 125°C, the maximum junction temperature of
the die θJA thermal resistance = 90°C/W.
The table below shows junction-to-ambient thermal
resistance for the MIC5310 in different packages.
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com