Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MIC3975-3.0BMM Datasheet(PDF) 10 Page - Micrel Semiconductor

Part # MIC3975-3.0BMM
Description  750mA 關Cap Low-Voltage Low-Dropout Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC3975-3.0BMM Datasheet(HTML) 10 Page - Micrel Semiconductor

Back Button MIC3975-3.0BMM Datasheet HTML 4Page - Micrel Semiconductor MIC3975-3.0BMM Datasheet HTML 5Page - Micrel Semiconductor MIC3975-3.0BMM Datasheet HTML 6Page - Micrel Semiconductor MIC3975-3.0BMM Datasheet HTML 7Page - Micrel Semiconductor MIC3975-3.0BMM Datasheet HTML 8Page - Micrel Semiconductor MIC3975-3.0BMM Datasheet HTML 9Page - Micrel Semiconductor MIC3975-3.0BMM Datasheet HTML 10Page - Micrel Semiconductor MIC3975-3.0BMM Datasheet HTML 11Page - Micrel Semiconductor MIC3975-3.0BMM Datasheet HTML 12Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
MIC3975
Micrel
MIC3975
10
February 2005
Adjustable Regulator Design
IN
R1
VOUT
VIN
COUT
R2
EN
OUT
ADJ
GND
MIC3975
ENABLE
SHUTDOWN
V
1.240V 1 R1
R2
OUT


Figure 2. Adjustable Regulator with Resistors
The MIC3975 allows programming the output voltage any-
where between 1.24V and the 16V maximum operating rating
of the family. Two resistors are used. Resistors can be quite
large, up to 1MΩ, because of the very high input impedance
and low bias current of the sense comparator: The resistor
values are calculated by:
R1 R2
V
1.240
1
OUT


Where VO is the desired output voltage. Figure 2 shows
component definition. Applications with widely varying load
currents may scale the resistors to draw the minimum load
current required for proper operation (see above).
Power MSOP-8 Thermal Characteristics
One of the secrets of the MIC3975’s performance is its power
MSO-8 package featuring half the thermal resistance of a
standard MSO-8 package. Lower thermal resistance means
more output current or higher input voltage for a given pack-
age size.
Lower thermal resistance is achieved by joining the four
ground leads with the die attach paddle to create a single-
piece electrical and thermal conductor. This concept has
been used by MOSFET manufacturers for years, proving
very reliable and cost effective for the user.
Thermal resistance consists of two main elements, θJC (junc-
tion-to-case thermal resistance) and θCA (case-to-ambient
thermal resistance). See Figure 3. θJC is the resistance from
the die to the leads of the package. θCA is the resistance
from the leads to the ambient air and it includes θCS (case-
to-sink thermal resistance) and θSA(sink-to-ambient thermal
resistance).
Using the power MSOP-8 reduces the θJC dramatically and
allows the user to reduce θCA. The total thermal resistance,
θJA (junction-to-ambient thermal resistance) is the limiting
factor in calculating the maximum power dissipation capabil-
ity of the device. Typically, the power MSOP-8 has a θJA of
80°C/W, this is significantly lower than the standard MSOP-8
which is typically 160°C/W. θCA is reduced because pins 5
through 8 can now be soldered directly to a ground plane
whichsignificantlyreducesthecase-to-sinkthermalresistance
and sink to ambient thermal resistance.
Low-dropout linear regulators from Micrel are rated to a
maximum junction temperature of 125°C. It is important not to
exceed this maximum junction temperature during operation
of the device. To prevent this maximum junction temperature
from being exceeded, the appropriate ground plane heat sink
must be used.
JA
JC
CA
printed circuit board
ground plane
heat sink area
MSOP-8
AMBIENT
Figure 3. Thermal Resistance
Figure 4 shows copper area versus power dissipation with
each trace corresponding to a different temperature rise
above ambient.
Fromthesecurves,theminimumareaofcoppernecessaryfor
the part to operate safely can be determined. The maximum
allowable temperature rise must be calculated to determine
operation along which curve.
ΔT = TJ(max) – TA(max)
TJ(max) = 125°C
Figure 4. Copper Area vs. Power-MSOP
Power Dissipation (∆TJA)
Figure 5. Copper Area vs. Power-MSOP
Power Dissipation (TA)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com