Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MIC2213-Adj/ADJBML Datasheet(PDF) 7 Page - Micrel Semiconductor

Part # MIC2213-Adj/ADJBML
Description  Sequenced Portable Power Management IC
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2213-Adj/ADJBML Datasheet(HTML) 7 Page - Micrel Semiconductor

Back Button MIC2213-Adj/ADJBML Datasheet HTML 3Page - Micrel Semiconductor MIC2213-Adj/ADJBML Datasheet HTML 4Page - Micrel Semiconductor MIC2213-Adj/ADJBML Datasheet HTML 5Page - Micrel Semiconductor MIC2213-Adj/ADJBML Datasheet HTML 6Page - Micrel Semiconductor MIC2213-Adj/ADJBML Datasheet HTML 7Page - Micrel Semiconductor MIC2213-Adj/ADJBML Datasheet HTML 8Page - Micrel Semiconductor MIC2213-Adj/ADJBML Datasheet HTML 9Page - Micrel Semiconductor MIC2213-Adj/ADJBML Datasheet HTML 10Page - Micrel Semiconductor MIC2213-Adj/ADJBML Datasheet HTML 11Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
October 2005
7
M9999-101705
MIC2213
Micrel, Inc.
2.580
2.585
2.590
2.595
2.600
2.605
2.610
0
25
50
75 100 125 150
OUTPUT 1 LOAD CURRENT (mA)
Output Voltage
vs. Load Current
2.820
2.825
2.830
2.835
2.840
2.845
2.850
2.855
2.860
2.865
2.870
0
50 100 150 200 250 300
OUTPUT 2 LOAD CURRENT (mA)
Output Voltage
vs. Load Current
0.00
0.20
0.40
0.60
0.80
1.00
1.20
2.25 2.75 3.25 3.75 4.25 4.75 5.25
SUPPLY VOLTAGE (V)
Switch Threshold
vs. Supply Voltage
Drive Current = 1mA
0.00
0.20
0.40
0.60
0.80
1.00
1.20
1.40
1.60
2.25 2.75 3.25 3.75 4.25 4.75 5.25
SUPPLY VOLTAGE (V)
Enable Voltage Threshold
vs. Supply Voltage
2.85
2.90
2.95
3.00
3.05
3.10
3.15
-40 -20 0 20 40 60 80 100120140
TEMPERATURE (°C)
Output Voltage 1
vs. Temperature
100µA load
2.65
2.70
2.75
2.80
2.85
2.90
2.95
-40 -20 0 20 40 60 80 100120140
TEMPERATURE (°C)
Output Voltage 2
vs. Temperature
100µA load
Typical Characteristics (cont.)
POR SETTING CAP (pF)
POR Delay
CIN = 1µF
C
= 1µF
I
LOAD
= 100µA
1
10 100 1k 10k 100k 1M
1
10
100
1k
10k
100k
10M
1M
OUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com