Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MIC2210-3.3/3.3BML Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # MIC2210-3.3/3.3BML
Description  Dual 關Cap LDO with Open-Drain Driver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2210-3.3/3.3BML Datasheet(HTML) 1 Page - Micrel Semiconductor

  MIC2210-3.3/3.3BML Datasheet HTML 1Page - Micrel Semiconductor MIC2210-3.3/3.3BML Datasheet HTML 2Page - Micrel Semiconductor MIC2210-3.3/3.3BML Datasheet HTML 3Page - Micrel Semiconductor MIC2210-3.3/3.3BML Datasheet HTML 4Page - Micrel Semiconductor MIC2210-3.3/3.3BML Datasheet HTML 5Page - Micrel Semiconductor MIC2210-3.3/3.3BML Datasheet HTML 6Page - Micrel Semiconductor MIC2210-3.3/3.3BML Datasheet HTML 7Page - Micrel Semiconductor MIC2210-3.3/3.3BML Datasheet HTML 8Page - Micrel Semiconductor MIC2210-3.3/3.3BML Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
MIC2210
Dual µCap LDO with Open-Drain Driver
MLF and MicroLeadFram are registered trademarks of Amkor Technology, Inc.
Micrel Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel +1 (
408) 944-0800 • fax + 1 (408) 474-1000 • http://www.micrel.com
November 2006
1
M9999-112006
General Description
The MIC2210 is a dual µCap, low dropout regulator with
an open-drain driver and power-on reset circuit. The first
regulator is capable of sourcing 150mA, while the second
regulator can source up to 300mA and includes a power-
on reset function. The open-drain output is capable of
sinking 150mA for LED backlighting applications.
Ideal for battery operated applications, the MIC2210 offers
1% accuracy, extremely low dropout voltage (80mV @
100mA), and extremely low ground current, only 48µA
total. Equipped with a TTL logic compatible enable pin*,
the MIC2210 can be put into a zero-off-mode current state,
drawing no current when disabled.
The MIC2210 is a µCap design, operating with very small
ceramic output capacitors for stability, reducing required
board space and component cost.
The MIC2210 is available in fixed output voltages in the
10-pin 3mm × 3mm MLF
® leadless package.
Data sheets and support documentation can be found on
Micrel’s web site at www.micrel.com.
*For each output.
Features
• Input voltage range: 2.25V to 5.5V
• Stable with ceramic output capacitor
• 2 LDO outputs
–
Output 1 - 150mA output current
–
Output 2 - 300mA output current
• 1 Open-drain driver
• Low dropout voltage of 80mV @ 100mA
• Ultra-low quiescent current of 48µA
• High output accuracy:
–
+1.0% initial accuracy
–
+2.0% over temperature
• Thermal shutdown protection
• Current limit protection
• Tiny 10-pin 3mm × 3mm MLF® package
Applications
• Cellular/PCS phones
• Wireless modems
• PDAs
___________________________________________________________________________________________________________
Typical Application
VIN
CBYP
EN1
EN2
CBYP
SW
LED x10
Keyboard
Backlight
Baseband IC
VOUT1
Audio Amp
VOUT2
ERR
DRV
GND
MIC2210-xx_ML
MIC2210 Typical Cell Phone Application


Similar Part No. - MIC2210-3.3/3.3BML

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2210-3.3 MICREL-MIC2210-3.3 Datasheet
744Kb / 12P
Dual Cap LDO with Open-Drain Driver
MIC2210-3.3BML MICREL-MIC2210-3.3BML Datasheet
744Kb / 12P
Dual Cap LDO with Open-Drain Driver
MIC2210-3.3YML MICREL-MIC2210-3.3YML Datasheet
744Kb / 12P
Dual Cap LDO with Open-Drain Driver
More results

Similar Description - MIC2210-3.3/3.3BML

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC2G07 TI-SN74LVC2G07 Datasheet
364Kb / 13P
DUAL BUFFER/DRIVER WITH OPEN DRAIN OUTPUTS
SN74AUC2G07 TI-SN74AUC2G07 Datasheet
299Kb / 11P
DUAL BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
logo
Micrel Semiconductor
MIC2210 MICREL-MIC2210 Datasheet
744Kb / 12P
Dual Cap LDO with Open-Drain Driver
logo
Texas Instruments
SN74LVC2G07 TI-SN74LVC2G07_07 Datasheet
496Kb / 13P
DUAL BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
SN74AUC2G07 TI-SN74AUC2G07_09 Datasheet
602Kb / 13P
DUAL BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
logo
Micrel Semiconductor
MIC5264 MICREL-MIC5264_06 Datasheet
337Kb / 11P
150mA 關Cap Dual LDO Regulator
MIC5211 MICREL-MIC5211_05 Datasheet
1Mb / 9P
Dual 關Cap 80mA LDO Regulator
logo
Texas Instruments
SN74LVC2G07-EP TI1-SN74LVC2G07-EP Datasheet
312Kb / 9P
DUAL BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
SN74LVC2G07MDCKTEP TI-SN74LVC2G07MDCKTEP Datasheet
310Kb / 11P
DUAL BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
SN74LVC2G07-EP TI1-SN74LVC2G07-EP_14 Datasheet
708Kb / 11P
DUAL BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com