Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MIC2012PCM Datasheet(PDF) 15 Page - Micrel Semiconductor

Part # MIC2012PCM
Description  USB Power Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2012PCM Datasheet(HTML) 15 Page - Micrel Semiconductor

Back Button MIC2012PCM Datasheet HTML 8Page - Micrel Semiconductor MIC2012PCM Datasheet HTML 9Page - Micrel Semiconductor MIC2012PCM Datasheet HTML 10Page - Micrel Semiconductor MIC2012PCM Datasheet HTML 11Page - Micrel Semiconductor MIC2012PCM Datasheet HTML 12Page - Micrel Semiconductor MIC2012PCM Datasheet HTML 13Page - Micrel Semiconductor MIC2012PCM Datasheet HTML 14Page - Micrel Semiconductor MIC2012PCM Datasheet HTML 15Page - Micrel Semiconductor MIC2012PCM Datasheet HTML 16Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
January 2005
15
MIC2012/2072
MIC2012
Micrel
dead short on the output.
Fault Status Output
The FAULT signal is an active-low output with an open-drain
or weak pull-up configuration. FAULT is asserted (active-low)
when either an overcurrent or thermal shutdown condition
occurs. In the case of an overcurrent condition, FAULT will
be asserted only after the flag response delay time, t
DLY, has
elapsed. This ensures that FAULT is asserted only upon valid
overcurrent conditions and that erroneous error reporting is
eliminated. For example, false overcurrent conditions can
occur during hot-plug events when a highly capacitive load
is connected and causes a high transient inrush current that
exceeds the current-limit threshold. The FAULT response
delay time t
DLY is typically 10ms.
Undervoltage Lockout
Undervoltage lockout (UVLO) prevents the output MOSFET
from turning on until the AUX input exceeds approximately
3.5V. UVLO ensures that the output MOSFETs remain off
to prevent high transient inrush current due to stray or bulk
load capacitance. This helps to ensure that the power supply
EN
(MIC2010-2)
VOUT
Overcurrent Fault
Thermal Shutdown
Reached
FAULT
Figure 6. MIC2012 System Timing
EN
(MIC2070-2)
VOUT
Overcurrent Fault
Load Removed–
Output Reset
FAULT
Figure 7. MIC2072 System Timing—
Output Resets When Load is Removed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com