Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NX8349TS Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # NX8349TS
Description  LASER DIODE 1 310 nm AlGaInAs MQW-DFB LASER DIODE FOR 10 Gb/s APPLICATION
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

NX8349TS Datasheet(HTML) 2 Page - Renesas Technology Corp

  NX8349TS Datasheet HTML 1Page - Renesas Technology Corp NX8349TS Datasheet HTML 2Page - Renesas Technology Corp NX8349TS Datasheet HTML 3Page - Renesas Technology Corp NX8349TS Datasheet HTML 4Page - Renesas Technology Corp NX8349TS Datasheet HTML 5Page - Renesas Technology Corp NX8349TS Datasheet HTML 6Page - Renesas Technology Corp NX8349TS Datasheet HTML 7Page - Renesas Technology Corp NX8349TS Datasheet HTML 8Page - Renesas Technology Corp NX8349TS Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
NX8349TS,NX8349YK,NX8349XK
Chapter Title
R08DS0002EJ0100 Rev.1.00
Page 2 of 9
Jul 26, 2010
PACKAGE DIMENSIONS (UNIT: mm)
OPTICAL
REFERENCE
PLANE
3.5±0.04
φ
3.5±0.1
φ
5.0
φ
2.99
φ
2.92
φ
Remarks1. Receptacle is electrically isolated from CAN.
2. Characteristic impedance of flexible printed circuit is 25
Ω.
3. NX8349TS has no matching resistor installed.
4. ( ) indicates nominal dimension.
BOTTOM VIEW
NX8349TS
GND surface
Signal surface
4.5±0.05
φ
4.0±0.05
φ
4.6±0.05
φ
(14.8 MAX.)
5.6±0.05
φ
NC
GND
LD (anode)
LD (cathode)
GND
mPD (cathode)
1.0
2.29
2– 1.0
φ



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com