Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPS5020FTR47N Datasheet(PDF) 5 Page - Superworld Electronics

Part # SPS5020FTR47N
Description  Low Profile Power Inductors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

SPS5020FTR47N Datasheet(HTML) 5 Page - Superworld Electronics

  SPS5020FTR47N Datasheet HTML 1Page - Superworld Electronics SPS5020FTR47N Datasheet HTML 2Page - Superworld Electronics SPS5020FTR47N Datasheet HTML 3Page - Superworld Electronics SPS5020FTR47N Datasheet HTML 4Page - Superworld Electronics SPS5020FTR47N Datasheet HTML 5Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
7. PACKAGING INFORMATION :
SUPERWORLD ELECTRONICS (S) PTE LTD
7-1. Reel Dimension (mm)
100
2.2
7-2 CARRIER TAPE DIMENSIONS (mm)
13.2
330
120°
7-3 TAPING DIMENSIONS (mm)
12mm
W
5.35mm
5.5mm
1.55mm
Ao
Ko
Bo
T
P
0.3mm
8.0mm
7-4 QUANTITY
3000pcs/Reel
The products are packaged so that no damage will be sustained.
T
4.00
2.00±0.05
Ao
P
A
A
Ko
Ø1.5+0.1/-0.0
1.5
20.03.2012
Low Profile Power Inductors
NOTE : Specifications subject to change without notice. Please check our website for latest information.
8mm
4 mm
Start
End
Leader
no component
200mm min.
Components
Trailer
no component
400mm min.
user direction of feed
SPS5020FT SERIES



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com