Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPS5020FT1R0N Datasheet(PDF) 1 Page - Superworld Electronics

Part # SPS5020FT1R0N
Description  Low Profile Power Inductors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

SPS5020FT1R0N Datasheet(HTML) 1 Page - Superworld Electronics

  SPS5020FT1R0N Datasheet HTML 1Page - Superworld Electronics SPS5020FT1R0N Datasheet HTML 2Page - Superworld Electronics SPS5020FT1R0N Datasheet HTML 3Page - Superworld Electronics SPS5020FT1R0N Datasheet HTML 4Page - Superworld Electronics SPS5020FT1R0N Datasheet HTML 5Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
2. CONFIGURATION & DIMENSIONS :
SUPERWORLD ELECTRONICS (S) PTE LTD
PG. 1
(f)
(d) (e)
(b)
(c)
(a)
1. PART NO. EXPRESSION :
Unit:m/m
(g)
SPS5020FT SERIES
3. MATERIALS :
(a) Core : Ferrite
(c) Wire : Polyurethane Enamelled Copper Wire
(d) Solder : M35E
(e) Coating : Powder Coating
2.0 Max.
A
B
C
2.0 Typ.
DE
1.1 Typ.
5.0 ±0.2
5.0 ±0.2
(c) Powder coating type
(a) Series code
(b) Dimension code
(f) Tolerance code : M = ±20%, N = ±30%
(d) Taping package
(e) Inductance code : 1R0= 1.0uH
(g) 11~99 : Internal controlled number
(e) Ink : 70000-00101
F
4.1 Typ.
(b) Copper Foil : C5191
S P S 5 0 2 0 F T 1 R 0 N -
20.03.2012
Low Profile Power Inductors
NOTE : Specifications subject to change without notice. Please check our website for latest information.
A
C
F
Marking
(Black)
Powder coating
4.3
Standard Pattern


Similar Part No. - SPS5020FT1R0N

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
SPS5012FT SUPERWORLD-SPS5012FT Datasheet
242Kb / 5P
Low Profile Power Inductors
SPS5012FT100M SUPERWORLD-SPS5012FT100M Datasheet
242Kb / 5P
Low Profile Power Inductors
SPS5012FT100M SUPERWORLD-SPS5012FT100M Datasheet
303Kb / 8P
Low Profile Power Inductors
SPS5012FT150M SUPERWORLD-SPS5012FT150M Datasheet
242Kb / 5P
Low Profile Power Inductors
SPS5012FT150M SUPERWORLD-SPS5012FT150M Datasheet
303Kb / 8P
Low Profile Power Inductors
More results

Similar Description - SPS5020FT1R0N

ManufacturerPart #DatasheetDescription
logo
ice Components, Ins.
LP01 ICE-LP01 Datasheet
257Kb / 1P
Low Profile Power Inductors
logo
Superworld Electronics
SPS3012FT SUPERWORLD-SPS3012FT Datasheet
254Kb / 5P
Low Profile Power Inductors
SPS3020FT SUPERWORLD-SPS3020FT Datasheet
248Kb / 5P
Low Profile Power Inductors
SPS4012FT SUPERWORLD-SPS4012FT Datasheet
694Kb / 9P
Low Profile Power Inductors
logo
Cooper Bussmann, Inc.
DR1040-1R5-R COOPER-DR1040-1R5-R Datasheet
175Kb / 3P
Low Profile Power Inductors
logo
Superworld Electronics
SPS5012FTR47N SUPERWORLD-SPS5012FTR47N Datasheet
303Kb / 8P
Low Profile Power Inductors
L252010SFR24MA SUPERWORLD-L252010SFR24MA Datasheet
518Kb / 5P
Low Profile Power Inductors
SPC4018FT-R56NZF SUPERWORLD-SPC4018FT-R56NZF Datasheet
848Kb / 7P
Low Profile Power Inductors
SPS6045N1R0YF SUPERWORLD-SPS6045N1R0YF Datasheet
1Mb / 7P
LOW PROFILE POWER INDUCTORS
SPA252010HFR16M SUPERWORLD-SPA252010HFR16M Datasheet
307Kb / 8P
Low Profile Power Inductors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com