Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPS5020FT2R2N Datasheet(PDF) 2 Page - Superworld Electronics

Part # SPS5020FT2R2N
Description  Low Profile Power Inductors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

SPS5020FT2R2N Datasheet(HTML) 2 Page - Superworld Electronics

  SPS5020FT2R2N Datasheet HTML 1Page - Superworld Electronics SPS5020FT2R2N Datasheet HTML 2Page - Superworld Electronics SPS5020FT2R2N Datasheet HTML 3Page - Superworld Electronics SPS5020FT2R2N Datasheet HTML 4Page - Superworld Electronics SPS5020FT2R2N Datasheet HTML 5Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
5. ELECTRICAL CHARACTERISTICS :
4. GENERAL SPECIFICATION :
c) Rated DC Current: The less value which is IDC1 or IDC2.
b) IDC2 : Based on temperature rise ( T: 40°C TYP.)
a) IDC1 : Based on inductance change ( L/Lo: -30%) @ ambient temp. 25°C
e) Storage temperature range ...... -40°C ~ +105°C
d) Operate temperature range ...... -40°C ~ +105°C (Including self temp. rise)
SUPERWORLD ELECTRONICS (S) PTE LTD
PG. 2
SPS5020FT1R2N
Inductance
3.3±30%
( uH )
IDC1
(
)
0.1V/1M
25m
5.0
( A )
RDC
IDC2
3.90
( A )
( Hz )
Frequency
Test
±20%
SPS5020FTR47N
0.47±30%
0.1V/1M
15m
7.0
5.10
SWS Part No.
SPS5020FT1R5N
1.5±30%
30m
4.5
3.30
0.1V/1M
SPS5020FT1R0N
1.0±30%
25m
5.5
3.90
0.1V/1M
SPS5020FT2R2N
2.2±30%
42m
3.6
2.80
0.1V/1M
SPS5020FT3R3N
3.3±30%
61m
3.2
2.50
0.1V/1M
SPS5020FT3R9N
3.9±30%
74m
3.2
2.30
0.1V/1M
20.03.2012
Low Profile Power Inductors
NOTE : Specifications subject to change without notice. Please check our website for latest information.
Marking
1R2
R47
1R5
1R0
2R2
3R3
3R9
SPS5020FT SERIES
SPS5020FT4R7M
4.7±20%
84m
2.9
2.10
0.1V/1M
4R7
SPS5020FT6R8M
6.8±20%
0.10
2.3
1.70
0.1V/1M
6R8
SPS5020FT100M
10±20%
0.14
1.8
1.45
0.1V/1M
100
SPS5020FT150M
15±20%
0.22
1.5
1.10
0.1V/1M
150
SPS5020FT220M
22±20%
0.32
1.3
0.87
0.1V/1M
220
SPS5020FT330M
33±20%
0.50
1.0
0.65
0.1V/1M
330



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com