Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ATC30 Datasheet(PDF) 1 Page - Arch Electronics Corp.

Part # ATC30
Description  AC-DC Power Module
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARCH [Arch Electronics Corp.]
Direct Link  http://www.archcorp.com.tw
Logo ARCH - Arch Electronics Corp.

ATC30 Datasheet(HTML) 1 Page - Arch Electronics Corp.

  ATC30 Datasheet HTML 1Page - Arch Electronics Corp. ATC30 Datasheet HTML 2Page - Arch Electronics Corp. ATC30 Datasheet HTML 3Page - Arch Electronics Corp. ATC30 Datasheet HTML 4Page - Arch Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
VER : A_2
update : 2012.01.20
AC-DC Power Module
ATC30 SERIES
30 Watts
http://www.archcorp.com.tw
TEL: +886-2-26989508
FAX: +886-2-26981319
-1-
All specifications valid at normal input voltage, full load and +25°C after warm-up time unless otherwise stated.
ELECTRICAL SPECIFICATIONS
Model No.
( Single Output )
ATC30-3.3S
ATC30-5S
ATC30-12S
ATC30-15S
ATC30-24S
Max Output Wattage (W)
16.5W
25W
30W
30W
30W
Voltage
(Note1)
90-305 VAC or 120-430 VDC
Frequency (Hz)
47-63 Hz
Current (Full load)
600 mA max. (115 VAC) /400 mA max. (230 VAC)
Inrush Current (<2ms)
30 A max. (115 VAC) / 60 A max. (230 VAC)
Leakage Current
0.25 mA max.
No Load Input Power (<240 VAC)
<0.3W
Input
External Fuse (recommend)
3.15 A slow blow type
Voltage (V.DC.)
3.3V
5V
12V
15V
24V
Voltage Accuracy
±2%
Current (mA) max
5000
5000
2500
2000
1250
Line Regulation (LL-HL) (typ.)
±0.5%
Load Regulation (10-100%) (typ.)
±1.5%
±1%
Maximum Capacitive Load
8200 uF
8200 uF
2200 uF
1500 uF
560 uF
Ripple & Noise (max.)
(Note2)
100mVp-p
100mVp-p
150mVp-p
150mVp-p
240mVp-p
Efficiency (at 230 VAC)
80%
84%
89%
87%
86%
Output
Hold-up Time
10 ms min.
Over Power Protection
Hiccup technique, auto-recovery
Over Voltage Protection
Zener diode clamp
Protection
Short Circuit Protection
Hiccup mode, indefinite (automatic recovery)
Input-Output (V.AC)
3000V
Input-FG (V.AC)
1500V
Isolation
Output-FG (V.AC)
500V
Operating Temperature
-40°C…+70°C (with derating)
Storage Temperature
-40°C…+85°C
Max Case Operating Temperature
Under 115 VAC 78°C , others 85°C
Temperature Coefficient
±0.02%/°C
Humidity
95% RH
Environment
MTBF
>250,000 h @ 25°C (MIL-HDBK-217F)
Dimension (L x W x H)
2.52 x 1.77 x 0.92 Inches
( 64.0 x 45.0 x 23.5 mm ) Tolerance
±0.5 mm
Case Material
Plastic resin with Fiberglass (flammability to UL 94V-0)
Weight
130 g
Physical
Cooling Method
Free air convection
Safety
Agency Approvals
CE, UL/cUL
EMI (Conducted & Radiated Emission)
EN 55022 class B
EMC
EMS (Noise Immunity)
EN 55024
KEY FEATURES
Switching Power Module for PCB Mountable
Fully Encapsulated Plastic Case
Universal Input Range 90-305VAC
High Efficiency up to 90%
Isolation Class II
<0.3W No Load Input Power
Very Small 1.77” x 2.52” x 0.92 “ Package
Screw Terminal For Optional
CE, UL Approval
3-Years Product Warranty
Note:
1. Please check the derating carve for more details
2. Ripple & Noise are measured at 20MHz of bandwidth with 0.1uF & 47uF parallel capacitor.


Similar Part No. - ATC30

ManufacturerPart #DatasheetDescription
logo
Arch Electronics Corp.
ATC30-12S ARCH-ATC30-12S Datasheet
148Kb / 3P
A C -D C P o w e r M o d u le
ATC30-15S ARCH-ATC30-15S Datasheet
148Kb / 3P
A C -D C P o w e r M o d u le
ATC30-24S ARCH-ATC30-24S Datasheet
148Kb / 3P
A C -D C P o w e r M o d u le
ATC30-3.3S ARCH-ATC30-3.3S Datasheet
148Kb / 3P
A C -D C P o w e r M o d u le
ATC30-5S ARCH-ATC30-5S Datasheet
148Kb / 3P
A C -D C P o w e r M o d u le
More results

Similar Description - ATC30

ManufacturerPart #DatasheetDescription
logo
Arch Electronics Corp.
AFC ARCH-AFC Datasheet
495Kb / 5P
AC-DC Power Module
AFC-E1 ARCH-AFC-E1 Datasheet
495Kb / 5P
AC-DC Power Module
AOC ARCH-AOC Datasheet
117Kb / 3P
AC-DC Power Module
AEC60 ARCH-AEC60_12 Datasheet
321Kb / 3P
AC-DC Power Module
AHC08 ARCH-AHC08 Datasheet
216Kb / 4P
AC-DC Power Module
AHC-E1 ARCH-AHC-E1_12 Datasheet
273Kb / 3P
AC-DC Power Module
ANC50 ARCH-ANC50 Datasheet
296Kb / 7P
AC-DC Power Module
ANCA ARCH-ANCA Datasheet
323Kb / 4P
AC-DC Power Module
AHCN ARCH-AHCN Datasheet
152Kb / 2P
AC-DC Power Module
AHC-E1 ARCH-AHC-E1_16 Datasheet
121Kb / 2P
AC-DC Power Module
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com