Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CLV6A-FKB Datasheet(PDF) 3 Page - Marktech Corporate

Part # CLV6A-FKB
Description  Cree짰 PLCC6 3 in 1 SMD LED
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARKTECH [Marktech Corporate]
Direct Link  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

CLV6A-FKB Datasheet(HTML) 3 Page - Marktech Corporate

  CLV6A-FKB Datasheet HTML 1Page - Marktech Corporate CLV6A-FKB Datasheet HTML 2Page - Marktech Corporate CLV6A-FKB Datasheet HTML 3Page - Marktech Corporate CLV6A-FKB Datasheet HTML 4Page - Marktech Corporate CLV6A-FKB Datasheet HTML 5Page - Marktech Corporate CLV6A-FKB Datasheet HTML 6Page - Marktech Corporate CLV6A-FKB Datasheet HTML 7Page - Marktech Corporate CLV6A-FKB Datasheet HTML 8Page - Marktech Corporate CLV6A-FKB Datasheet HTML 9Page - Marktech Corporate Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
3
CLD-CT1163.002
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703
USA Tel: +1.919.313.5300
Fax: +1.919.313.5778
www.cree.com/ledlamps
Copyright © 2010 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and
the Cree logo are registered trademarks of Cree, Inc.
Intensity Bin Limit (I
F = 20 mA)
Color Bin Limit (I
F = 20 mA)
• Tolerance of measurement of luminous intensity is ±10%
• Tolerance of measurement of dominant wavelength is ±1 nm
Red
Bin Code
Min.(nm)
Max.(nm)
RB
619
624
Green
Bin Code
Min.(nm)
Max.(nm)
G7
520
525
G8
525
530
G9
530
535
Ga
535
540
Red
Bin
Code
Min.
(mcd)
Max.
(mcd)
K
560
710
M
710
900
N
900
1120
Green
Bin
Code
Min.
(mcd)
Max.
(mcd)
P
1120
1400
Q
1400
1800
R
1800
2240
Blue
Bin
Code
Min.
(mcd)
Max.
(mcd)
G
280
355
H
355
450
J
450
560
Blue
Bin Code
Min.(nm)
Max.(nm)
B3
460
465
B4
465
470
B5
470
475
B6
475
480



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com