Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

OSG5XMEHC1E Datasheet(PDF) 1 Page - OptoSupply International

Part # OSG5XMEHC1E
Description  Xeon H Power Pure Green LED
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOSUPPLY [OptoSupply International]
Direct Link  http://www.optosupply.com
Logo OPTOSUPPLY - OptoSupply International

OSG5XMEHC1E Datasheet(HTML) 1 Page - OptoSupply International

  OSG5XMEHC1E_11 Datasheet HTML 1Page - OptoSupply International OSG5XMEHC1E_11 Datasheet HTML 2Page - OptoSupply International OSG5XMEHC1E_11 Datasheet HTML 3Page - OptoSupply International  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
http://www.optosupply.com
VER C.0
X
Xe
eo
on
n H
H P
Po
ow
we
er
r P
Pu
ur
re
e G
Gr
re
ee
en
n L
LE
ED
D
OSG5XMEHC1E
VER C.0
■
Features
■
Outline Dimension
●
Highest Luminous Flux
●
Super Energy Efficiency
●
Long Lifetime Operation
●
Superior ESD protection
●
Superior UV Resistance
■
Applications
●
Read lights (car, bus, aircraft)
●
Portable (flashlight, bicycle)
●
Bollards / Security / Garden
●
Traffic signaling / Beacons
●
In door / Out door Commercial lights
●
Automotive Ext
Anode(+)
Cathode(-)
2.0
14.5
5.0
Unit:mm
Tolerance:±0.30mm
ESD Protection Diode
Anode
Cathode
3.6
BackView
■Absolute Maximum Rating
(Ta=25℃)
■Directivity
Item
Symbol
Value
Unit
DC Forward Current
IF
200
mA
Pulse Forward Current*
IFP
250
mA
Reverse Voltage
VR
5
V
Power Dissipation
PD
800
mW
Operating Temperature
Topr
-30 ~ +85
℃
Storage Temperature
Tstg
-40~ +100
℃
Lead Soldering Temperature
Tsol
260
℃/5sec
-
*Pulse width Max.10ms Duty ratio max 1/10
0
0
■Electrical -Optical Characteristics
(Ta=25℃)
■Forward Operating Current (DC)
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
DC Forward Voltage
VF
IF=150mA
3.0
3.3
4.0
V
DC Reverse Current
IR
VR=5V
-
-
10
µA
Domi. Wavelength
λD
IF=150mA
520
525
530
nm
Luminous Flux
Φ
v
IF=150mA
20
30
-
lm
50% Power Angle
2θ1/2
IF=150mA
-
120
-
deg
Note: Don’t drive at rated current more than 5s without heat sink for Xeon H emitter series.
LED & Application Technologies
200
175
150
125
0
25
50
75
100
025
50
75
125
Ambient Temperature, TA
(℃)
100
RJ-A=70
℃/W
RJ-A=90
℃/W
RJ-A=110
℃/W


Similar Part No. - OSG5XMEHC1E_11

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OSG5XMEHC1E OPTOSUPPLY-OSG5XMEHC1E Datasheet
165Kb / 1P
Xeon H Power Pure Green LED
More results

Similar Description - OSG5XMEHC1E_11

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OSG5XAE3E1E OPTOSUPPLY-OSG5XAE3E1E Datasheet
110Kb / 1P
Xeon 3 Power Pure Green LED
OSG5XME1C1E OPTOSUPPLY-OSG5XME1C1E Datasheet
166Kb / 1P
Xeon 1 Power Pure Green LED
OSG5XME3C1E OPTOSUPPLY-OSG5XME3C1E Datasheet
167Kb / 1P
Xeon 3 Power Pure Green LED
OSG5XMEHC1E OPTOSUPPLY-OSG5XMEHC1E Datasheet
165Kb / 1P
Xeon H Power Pure Green LED
OSG5XME1C1E OPTOSUPPLY-OSG5XME1C1E_11 Datasheet
152Kb / 1P
Xeon 1 Power Pure Green LED
OSG5XNE1E1E OPTOSUPPLY-OSG5XNE1E1E Datasheet
145Kb / 2P
Xeon 1 Power Pure Green LED
OSG5XNE1E1E_VER.C.2 OPTOSUPPLY-OSG5XNE1E1E_VER.C.2 Datasheet
145Kb / 2P
xeon 1 power pure green led
OSG5XNE3E1E_VER.C.2 OPTOSUPPLY-OSG5XNE3E1E_VER.C.2 Datasheet
146Kb / 2P
Xeon 3 Power Pure green LED
OSG5XZEHE1E_VER.C.2 OPTOSUPPLY-OSG5XZEHE1E_VER.C.2 Datasheet
122Kb / 1P
xeon h power pure green led
OSW4XZEHE1E_VER.C.2 OPTOSUPPLY-OSW4XZEHE1E_VER.C.2 Datasheet
124Kb / 1P
xeon h power pure white led
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com