Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

OSO5GAZ2C1D Datasheet(PDF) 1 Page - OptoSupply International

Part # OSO5GAZ2C1D
Description  Super Flux Giga Orange LED
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOSUPPLY [OptoSupply International]
Direct Link  http://www.optosupply.com
Logo OPTOSUPPLY - OptoSupply International

OSO5GAZ2C1D Datasheet(HTML) 1 Page - OptoSupply International

  OSO5GAZ2C1D_11 Datasheet HTML 1Page - OptoSupply International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
http://www.optosupply.com
VER A.0
S
Su
up
pe
er
r F
Fllu
ux
x G
Giig
ga
a O
Or
ra
an
ng
ge
e L
LE
ED
D
OSO5GAZ2C1D
■Features
■
Outline Dimension
●
High Luminous Super Flux Output
●
5 ø Standard Directivity
●
Long Lifetime Operation
●
Low Thermal Resistance
●
Superior Weather-Resistance
●
UV Resistant Epoxy
●
Water Clear Type
■Applications
●
Automotive tail, stop, turn signal lamps and interior lighting
●
Signage and channel letter
●
Decoration and entertainment lighting
●
Architectural lighting
●
Other Lighting
0.76+0.1
2
5.08+0.2
1.5+0.1
5.08+0.3
23
1,4 Anode
2,3 Cathode
Unit:mm
Tolerance:+0.3mm
7.62
5.0
■Absolute Maximum Rating
(Ta=25℃)
■
Directivity
Item
Symbol
Value
Unit
DC Forward Current
IF
50
mA
Pulse Forward Current*
IFP
120
mA
Reverse Voltage
VR
5
V
Power Dissipation
PD
130
mW
Operating Temperature
Topr
-30 ~ +85
℃
Storage Temperature
Tstg
-40 ~ +100
℃
Lead Soldering Temperature
Tsol
260
℃/5sec
-
*Pulse width Max.10ms Duty ratio max 1/10
0
0
■Electrical -Optical Characteristics
(Ta=25℃)
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
DC Forward Voltage
VF
IF=50mA
1.8
2.1
2.6
V
DC Reverse Current
IR
VR=5V
-
-
10
µA
Domi. Wavelength*
λD
IF=50mA
600
605
610
nm
Luminous Intensity*
Iv
IF=50mA
3000
4000
-
mcd
50% Power Angle
2θ1/2
IF=50mA
-
120
-
deg
*1 Tolerance of dominant wavelength is +1nm
*2 Tolerance of luminous intensity is +15%
LED & Application Technologies


Similar Part No. - OSO5GAZ2C1D_11

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OSO5GAZ2C1D OPTOSUPPLY-OSO5GAZ2C1D Datasheet
101Kb / 1P
Super Flux Giga Orange LED
More results

Similar Description - OSO5GAZ2C1D_11

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OSO5GAZ2C1D OPTOSUPPLY-OSO5GAZ2C1D Datasheet
101Kb / 1P
Super Flux Giga Orange LED
OSO5GAZ2C1P OPTOSUPPLY-OSO5GAZ2C1P Datasheet
100Kb / 1P
Super Flux Giga Orange LED
OSO5GAZ3K1D OPTOSUPPLY-OSO5GAZ3K1D Datasheet
98Kb / 1P
Super Flux Giga Orange LED
OSO5GAZ4E1D OPTOSUPPLY-OSO5GAZ4E1D Datasheet
96Kb / 1P
Super Flux Giga Orange LED
OSO5GAZ161D OPTOSUPPLY-OSO5GAZ161D Datasheet
105Kb / 1P
Super Flux Giga Orange LED
OSO5GAZE31D OPTOSUPPLY-OSO5GAZE31D Datasheet
153Kb / 1P
Super Flux Giga Orange LED
OSO5GAZG71D OPTOSUPPLY-OSO5GAZG71D Datasheet
153Kb / 1P
Super Flux Giga Orange LED
OSO5GAZHA1D OPTOSUPPLY-OSO5GAZHA1D Datasheet
153Kb / 1P
Super Flux Giga Orange LED
OSO5GAZ3K1D OPTOSUPPLY-OSO5GAZ3K1D_11 Datasheet
107Kb / 1P
Super Flux Giga Orange LED
OSO5GAZ161D OPTOSUPPLY-OSO5GAZ161D_11 Datasheet
110Kb / 1P
Super Flux Giga Orange LED
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com