Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

OSR5M35141R Datasheet(PDF) 1 Page - OptoSupply International

Part # OSR5M35141R
Description  Tpower 5mm Round Phoenix Red
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOSUPPLY [OptoSupply International]
Direct Link  http://www.optosupply.com
Logo OPTOSUPPLY - OptoSupply International

OSR5M35141R Datasheet(HTML) 1 Page - OptoSupply International

  OSR5M35141R_09 Datasheet HTML 1Page - OptoSupply International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
http://www.optosupply.com
VER A.0
Tpower 5mm Round Phoenix Red
L
LE
ED
D
OSR5M35141R
■Features
■
Outline Dimension
●
High Luminous LEDs
●
5mm Round Standard Directivity
●
Superior Weather-resistance
●
UV Resistant Epoxy
●
Water Clear Type
■Applications
●
Backlighting (Illuminated advertising, general
lighting, etc)
●
Interior and exterior automotive lighting
●
Traffic signaling / Beacons
●
Other Lighting
1
2
2.5
0.5
1.15
1
2
Unit:mm
Tolerance:+0.3mm
1:Anode
2:Cathode
5.0
■Absolute Maximum Rating
(Ta=25℃)
■Directivity
Item
Symbol
Value
Unit
DC Forward Current
IF
30
mA
Pulse Forward Current*
IFP
120
mA
Reverse Voltage
VR
15
V
Power Dissipation
PD
216
mW
Operating Temperature
Topr
-30 ~ +85
℃
Storage Temperature
Tstg
-40 ~ +100
℃
Lead Soldering Temperature
Tsol
260℃/5sec
-
*Pulse width Max 10ms , Duty ratio max 1/10
0
0
■Electrical -Optical Characteristics
(Ta=25℃)
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
DC Forward Voltage
VF
IF=20mA
5.4
6.3
7.2
V
DC Reverse Current
IR
VR=15V
-
-
10
µA
Domi Wavelength*
λD
IF=20mA
620
625
630
nm
Luminous Intensity*
Iv
IF=20mA
8000
9000
-
mcd
50% Power Angle
2θ1/2
IF=20mA
-
40
-
deg
*1 Tolerance of dominant wavelength is +1nm
*2 Tolerance of luminous intensity is +15%
LED & Application Technologies


Similar Part No. - OSR5M35141R_09

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OSR5M35141R OPTOSUPPLY-OSR5M35141R Datasheet
97Kb / 1P
Tpower 5mm Phoenix Red LED
More results

Similar Description - OSR5M35141R_09

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OSO5M35141R OPTOSUPPLY-OSO5M35141R Datasheet
97Kb / 1P
Tpower 5mm Phoenix Orange LED
OSR5M3A151R OPTOSUPPLY-OSR5M3A151R Datasheet
97Kb / 1P
Tpower 10mm Phoenix Red LED
OSR5M35141R OPTOSUPPLY-OSR5M35141R Datasheet
97Kb / 1P
Tpower 5mm Phoenix Red LED
OSR5MA5C31C OPTOSUPPLY-OSR5MA5C31C Datasheet
98Kb / 1P
5mm Round Phoenix Red LED
OSR5MA5111A OPTOSUPPLY-OSR5MA5111A Datasheet
100Kb / 1P
5mm Round Phoenix Red LED
OSR5MS5A31A OPTOSUPPLY-OSR5MS5A31A Datasheet
96Kb / 1P
5mm Round Flashing Phoenix Red LED
OSO5M35141R OPTOSUPPLY-OSO5M35141R_09 Datasheet
137Kb / 1P
Tpower 5mm Round Phoenix Orange
OSR5MA5C31C OPTOSUPPLY-OSR5MA5C31C_11 Datasheet
179Kb / 1P
5mm Round Phoenix Red LED
OSR5MA5111A OPTOSUPPLY-OSR5MA5111A_09 Datasheet
106Kb / 1P
5mm Round Phoenix Red LED
OSY5M35141R OPTOSUPPLY-OSY5M35141R_09 Datasheet
137Kb / 1P
Tpower 5mm Round Phoenix Yellow LED
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com