Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SCM6341ZP10A Datasheet(PDF) 5 Page - Motorola, Inc

Part # SCM6341ZP10A
Description  128K x 24 Bit Static Random Access Memory
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

SCM6341ZP10A Datasheet(HTML) 5 Page - Motorola, Inc

  SCM6341ZP10A Datasheet HTML 1Page - Motorola, Inc SCM6341ZP10A Datasheet HTML 2Page - Motorola, Inc SCM6341ZP10A Datasheet HTML 3Page - Motorola, Inc SCM6341ZP10A Datasheet HTML 4Page - Motorola, Inc SCM6341ZP10A Datasheet HTML 5Page - Motorola, Inc SCM6341ZP10A Datasheet HTML 6Page - Motorola, Inc SCM6341ZP10A Datasheet HTML 7Page - Motorola, Inc SCM6341ZP10A Datasheet HTML 8Page - Motorola, Inc SCM6341ZP10A Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
MCM6341
5
MOTOROLA FAST SRAM
AC OPERATING CONDITIONS AND CHARACTERISTICS
(VDD = 3.3 V ± 10%, TA = 0 to + 70°C, Unless Otherwise Noted)
(TA = – 40 to + 85°C for Industrial Temperature Offering)
Input Pulse Levels
0 to 3.0 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input Rise/Fall Time
2 ns
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input Timing Measurement Reference Level
1.5 V
. . . . . . . . . . . . . . .
Output Timing Measurement Reference Level
1.5 V
. . . . . . . . . . . . .
Output Load
See Figure 1
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
READ CYCLE TIMING (See Notes 1, 2, and 3)
P
Sb l
MCM6341–10
MCM6341–11
MCM6341–12
MCM6341–15
Ui
N
Parameter
Symbol
Min
Max
Min
Max
Min
Max
Min
Max
Unit
Notes
Read Cycle Time
tAVAV
10
—
11
—
12
—
15
—
ns
4
Address Access Time
tAVQV
—
10
—
11
—
12
—
15
ns
Enable Access Time
tELQV
—
10
—
11
—
12
—
15
ns
5
Output Enable Access Time
tGLQV
—
5
—
6
—
6
—
7
ns
Output Hold from Address Change
tAXQX
3
—
3
—
3
—
3
—
ns
Enable Low to Output Active
tELQX
3
—
3
—
3
—
3
—
ns
6, 7, 8
Output Enable Low to Output Active
tGLQX
0
—
0
—
0
—
0
—
ns
6, 7, 8
Enable High to Output High–Z
tEHQZ
0
5
0
6
0
6
0
7
ns
6, 7, 8
Output Enable High to Output High–Z
tGHQZ
0
5
0
6
0
6
0
7
ns
6, 7, 8
NOTES:
1. W is high for read cycle.
2. Product sensitivities to noise require proper grounding and decoupling of power supplies as well as minimization or elimination of bus
contention conditions during read and write cycles.
3. E1, E2, and E3 are represented by E in this data sheet. E2 is of opposite polarity to E1 and E3.
4. All read cycle timings are referenced from the last valid address to the first transitioning address.
5. Addresses valid prior to or coincident with E going low.
6. At any given voltage and temperature, tEHQZ max t tELQX min, and tGHQZ max t tGLQX min, both for a given device and from device
to device.
7. Transition is measured
± 200 mV from steady–state voltage.
8. This parameter is sampled and not 100% tested.
9. Device is continuously selected (E
≤ VIL, G ≤ VIL).
OUTPUT
Z0 = 50 Ω
RL = 50 Ω
VL = 1.5 V
Figure 1. AC Test Load



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com