Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

OSTAMC5B32A Datasheet(PDF) 1 Page - OptoSupply International

Part # OSTAMC5B32A
Description  5mm Round Red & Blue & Pure Green
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOSUPPLY [OptoSupply International]
Direct Link  http://www.optosupply.com
Logo OPTOSUPPLY - OptoSupply International

OSTAMC5B32A Datasheet(HTML) 1 Page - OptoSupply International

  OSTAMC5B32A_11 Datasheet HTML 1Page - OptoSupply International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
http://www.optosupply.com
VER A.0
5
5m
mm
m R
Ro
ou
un
nd
d R
Re
ed
d &
& B
Bllu
ue
e &
& P
Pu
ur
re
e G
Gr
re
ee
en
n
L
LE
ED
D
OSTAMC5B32A
■
Features
■
Outline Dimension
●
High Luminous LEDs
●
5mm Round Standard Directivity
●
Superior Weather-resistance
●
White diffused
●
Common Cathode Type
■
Applications
●
Toys
●
Games
●
Audio
●
Other Lighting
4.9
5.0
1.25
0.5±0.10
Unit:mm
Tolerance:+0.3mm
1
2
3
4
1. Pure Green Anode
2. Blue Anode
3.Common Cathode
4. Red Anode
■
Absolute Maximum Rating
(Ta=25℃)
■
Directivity
Value
Item
Symbol
Red
Blue/Green
Unit
DC Forward Current
IF
50
30
mA
Pulse Forward Current*
IFP
120
100
mA
Reverse Voltage
VR
5
5
V
Power Dissipation
PD
130
108
mW
Operating Temperature
Topr
-30 ~ +85
℃
Storage Temperature
Tstg
-40 ~ +100
℃
Lead Soldering Temperature
Tsol
260℃/5sec
-
0.5
30°
90°
60°
0
0
0.5
30°
60°
90°
11
*Pulse width Max.10ms Duty ratio max 1/10
■
Electrical -Optical Characteristics
(Ta=25℃)
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
VF (R)
IF=20mA
1.8
2.1
2.6
V
DC Forward Voltage
VF (B/G)
IF=20mA
2.9
3.1
3.6
V
DC Reverse Current
IR
VR=5V
-
-
10
µA
λD (Red)
IF=20mA
620
625
630
nm
λD (Blue)
IF=20mA
465
470
475
nm
Domi. Wavelength*
λD (Green)
IF=20mA
520
525
530
nm
Iv (Red)
IF=20mA
3000
4200
-
mcd
Iv (Blue)
IF=20mA
1560
2000
-
mcd
Luminous Intensity*
Iv (Green)
IF=20mA
5800
7000
-
mcd
50% Power Angle
2θ1/2
IF=20mA
-
30
-
deg
*1 Tolerance of dominant wavelength is +1nm
*2 Tolerance of luminous intensity is +15%
LED & Application Technologies


Similar Part No. - OSTAMC5B32A_11

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OSTAMC5B32A OPTOSUPPLY-OSTAMC5B32A Datasheet
102Kb / 1P
5mm Round Red & Blue & Pure Green LED
More results

Similar Description - OSTAMC5B32A_11

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OSG5DA5111A OPTOSUPPLY-OSG5DA5111A Datasheet
99Kb / 1P
5mm Round Pure Green LED
OSG5DA5111P OPTOSUPPLY-OSG5DA5111P Datasheet
97Kb / 1P
Deluxe Power 5mm Round Pure Green LED
OSG5DS5A31A OPTOSUPPLY-OSG5DS5A31A Datasheet
95Kb / 1P
5mm Round Flashing Pure Green LED
OSRPMS5A31A OPTOSUPPLY-OSRPMS5A31A Datasheet
97Kb / 1P
5mm Round Bi-Color Flashing Phoenix Red & Pure Green LED
OSTAMC5B31A OPTOSUPPLY-OSTAMC5B31A Datasheet
102Kb / 1P
5mm Round Red & Blue & Pure Green LED
OSTAMC5B32A OPTOSUPPLY-OSTAMC5B32A Datasheet
102Kb / 1P
5mm Round Red & Blue & Pure Green LED
OSG5835141R OPTOSUPPLY-OSG5835141R Datasheet
137Kb / 1P
Tpower 5mm Round Pure Green LED
OSG5DA5111A OPTOSUPPLY-OSG5DA5111A_09 Datasheet
105Kb / 1P
5mm Round Pure Green LED
OSTAMC5B31A OPTOSUPPLY-OSTAMC5B31A_09 Datasheet
109Kb / 1P
5mm Round Red & Blue & Pure Green LED
OSG5DA5111A-1MA OPTOSUPPLY-OSG5DA5111A-1MA Datasheet
108Kb / 1P
5mm Round Pure Green LED
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com