Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

OSTBMAZ2C1D Datasheet(PDF) 1 Page - OptoSupply International

Part # OSTBMAZ2C1D
Description  Super Flux Red & Pure Green & Blue LED
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOSUPPLY [OptoSupply International]
Direct Link  http://www.optosupply.com
Logo OPTOSUPPLY - OptoSupply International

OSTBMAZ2C1D Datasheet(HTML) 1 Page - OptoSupply International

  OSTBMAZ2C1D_11 Datasheet HTML 1Page - OptoSupply International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
http://www.optosupply.com
VER A.0
S
Su
up
pe
er
r F
Fllu
ux
x R
Re
ed
d &
& P
Pu
ur
re
e G
Gr
re
ee
en
n &
& B
Bllu
ue
e
L
LE
ED
D
OSTBMAZ2C1D
■
Features
■
Outline Dimension
●
Super Flux Output
●
5φStandard Directivity
●
Superior Weather-resistance
●
UV Resistant Epoxy
●
Water Clear Type
■
Applications
●
Toys
●
Games
●
Audio
●
Backing Lighting
0.76+0.1
1
2
5.08+0.2
1.5+0.1
5.08+0.3
2
3
1.Common Anode
2.Blue
3.Green
4.Red
Unit:mm
Tolerance:+0.3mm
7.62
5.0
1
2
34
1
2
3
4
■
Absolute Maximum Rating
(Ta=25℃)
■
Directivity
Value
Item
Symbol
Red
Green/Blue
Unit
DC Forward Current
IF
50
30
mA
Pulse Forward Current*
IFP
120
100
mA
Reverse Voltage
VR
5
5
V
Power Dissipation
PD
130
108
mW
Operating Temperature
Topr
-30 ~ +85
℃
Storage Temperature
Tstg
-40 ~ +100
℃
Lead Soldering Temperature
Tsol
260
℃/5sec
-
*Pulse width Max.10ms Duty ratio max 1/10
■
Electrical -Optical Characteristics
(Ta=25℃)
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
VF (R)
IF=20mA
1.8
2.1
2.6
V
DC Forward Voltage
VF (B/G)
IF=20mA
2.9
3.1
3.6
V
DC Reverse Current
IR
VR=5V
-
-
10
µA
λD(Red)
IF=20mA
620
625
630
nm
λD(Green)
IF=20mA
520
525
530
nm
Domi. Wavelength*
λD(Blue)
IF=20mA
465
470
475
nm
Iv(Red)
IF=20mA
1560
2300
-
mcd
Iv(Green)
IF=20mA
3000
4000
-
mcd
Luminous Intensity*
Iv(Blue)
IF=20mA
750
1200
-
mcd
50% Power Angle
2θ1/2
IF=20mA
-
120
-
deg
*1 Tolerance of dominant wavelength is +1nm
*2 Tolerance of luminous intensity is +15%
LED & Application Technologies
0
0


Similar Part No. - OSTBMAZ2C1D_11

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OSTBMAZ2C1D OPTOSUPPLY-OSTBMAZ2C1D Datasheet
102Kb / 1P
Super Flux Red & Pure Green & Blue LED
More results

Similar Description - OSTBMAZ2C1D_11

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OSG5D3Z2C1P OPTOSUPPLY-OSG5D3Z2C1P Datasheet
100Kb / 1P
Super Flux Pure Green LED
OSG5DAZ2C1D OPTOSUPPLY-OSG5DAZ2C1D Datasheet
102Kb / 1P
Super Flux Pure Green LED
OSG5DAZ3K1D OPTOSUPPLY-OSG5DAZ3K1D Datasheet
98Kb / 1P
Super Flux Pure Green LED
OSG5DAZ4E1D OPTOSUPPLY-OSG5DAZ4E1D Datasheet
96Kb / 1P
Super Flux Pure Green LED
OSTBMAZ2C1D OPTOSUPPLY-OSTBMAZ2C1D Datasheet
102Kb / 1P
Super Flux Red & Pure Green & Blue LED
OSTBMAZ2C2D OPTOSUPPLY-OSTBMAZ2C2D Datasheet
102Kb / 1P
Super Flux Red & Pure Green & Blue LED
OSG58AZ2C1D OPTOSUPPLY-OSG58AZ2C1D Datasheet
156Kb / 1P
Super Flux Pure Green LED
OSG58AZ4E1D OPTOSUPPLY-OSG58AZ4E1D Datasheet
153Kb / 1P
Super Flux Pure Green LED
OSG58AZB11D OPTOSUPPLY-OSG58AZB11D Datasheet
155Kb / 1P
Super Flux Pure Green LED
OSG58AZ4E1D OPTOSUPPLY-OSG58AZ4E1D_11 Datasheet
108Kb / 1P
Super Flux Pure Green LED
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com