Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SCM6341ZP12A Datasheet(PDF) 9 Page - Motorola, Inc

Part # SCM6341ZP12A
Description  128K x 24 Bit Static Random Access Memory
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

SCM6341ZP12A Datasheet(HTML) 9 Page - Motorola, Inc

Back Button SCM6341ZP12A Datasheet HTML 2Page - Motorola, Inc SCM6341ZP12A Datasheet HTML 3Page - Motorola, Inc SCM6341ZP12A Datasheet HTML 4Page - Motorola, Inc SCM6341ZP12A Datasheet HTML 5Page - Motorola, Inc SCM6341ZP12A Datasheet HTML 6Page - Motorola, Inc SCM6341ZP12A Datasheet HTML 7Page - Motorola, Inc SCM6341ZP12A Datasheet HTML 8Page - Motorola, Inc SCM6341ZP12A Datasheet HTML 9Page - Motorola, Inc SCM6341ZP12A Datasheet HTML 10Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
MCM6341
9
MOTOROLA FAST SRAM
Motorola Memory Prefix
Part Number
Package (ZP = PBGA)
Shipping Method (PBGA Standard)
Speed (10 = 10 ns, 11 = 11 ns, 12 = 12 ns,
15 = 15 ns)
xCM
6341
XX
XX
XX
ORDERING INFORMATION
(Order by Full Part Number)
Full Commercial Part Numbers — MCM6341ZP10
MCM6341ZP11
MCM6341ZP12
MCM6341ZP15
Full Industrial Temperature Part Numbers — SCM6341ZP10A
SCM6341ZP12A
SCM6341ZP15A
ZP PACKAGE
119–PBGA
CASE 999–02
PACKAGE DIMENSIONS
A
B
C
D
E
F
G
H
J
K
L
M
N
P
R
T
U
D2
E2
4X
16X
119X
TOP VIEW
BOTTOM VIEW
SIDE VIEW
D
0.20
6X
e
e
76 5 4 3 2 1
b
0.35 A
C
E
0.25 A
0.20 A
A
SEATING
PLANE
A
A1
A2
A3
M
0.3
C
A B
M
0.15
A
D1
E1
NOTES:
1. DIMENSIONING AND TOLERANCING PER ASME
Y14.5M, 1994.
2. ALL DIMENSIONS IN MILLIMETERS.
3. DIMENSION b IS THE MAXIMUM SOLDER BALL
DIAMETER MEASURED PARALLEL TO DATUM A.
4. DATUM A, THE SEATING PLANE, IS DEFINED BY
THE SPHERICAL CROWNS OF THE SOLDER
BALLS.
DIM
MIN
MAX
MILLIMETERS
A
–––
2.40
A1
0.50
0.70
A2
1.30
1.70
A3
0.80
1.00
D
22.00 BSC
D1
20.32 BSC
D2
19.40
19.60
E
14.00 BSC
E1
7.62 BSC
E2
11.90
12.10
b
0.60
0.90
e
1.27 BSC
B



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com