Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LD1117-L-XX-TQ2-D-R Datasheet(PDF) 14 Page - Unisonic Technologies

Part # LD1117-L-XX-TQ2-D-R
Description  LOW DROP FIXED AND ADJUSTABLE POSITIVE VOLTAGE REGULATORS
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LD1117-L-XX-TQ2-D-R Datasheet(HTML) 14 Page - Unisonic Technologies

Back Button LD1117-L-XX-TQ2-D-R Datasheet HTML 7Page - Unisonic Technologies LD1117-L-XX-TQ2-D-R Datasheet HTML 8Page - Unisonic Technologies LD1117-L-XX-TQ2-D-R Datasheet HTML 9Page - Unisonic Technologies LD1117-L-XX-TQ2-D-R Datasheet HTML 10Page - Unisonic Technologies LD1117-L-XX-TQ2-D-R Datasheet HTML 11Page - Unisonic Technologies LD1117-L-XX-TQ2-D-R Datasheet HTML 12Page - Unisonic Technologies LD1117-L-XX-TQ2-D-R Datasheet HTML 13Page - Unisonic Technologies LD1117-L-XX-TQ2-D-R Datasheet HTML 14Page - Unisonic Technologies LD1117-L-XX-TQ2-D-R Datasheet HTML 15Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
LD1117/A
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
14 of 15
www.unisonic.com.tw
QW-R102-006.AG
TYPICAL CHARACTERISTICS(Cont.)
Temperature (°C)
Load Regulation
Short-Circuit Current
Input/Output Differential (V)
05
10
0
1.6
2.4
0.4
1.2
2.8
0.8
2.0
TJ=25°C
TJ=125°C
-0.12
-0.04
0.08
0.16
0
0.12
-0.08
-50
0
75
125
25
-25
50
100
ΔILOAD=1A
0.04
Reference Voltge vs. Temperature
Output Voltage vs. Temperautre
-75
Junction Temperature(°C)
Junction Temperature, TJ(°C)
-75
3.20
Maximum Power Dissipation
25
65
105
4
6
8
10
Case Temperature, TC(°C)
TO-263 & TO-252
SOT-223
2
1.255
1.205
1.210
1.215
1.220
1.225
1.230
1.235
1.240
1.245
1.250
-25 0 25 50 75 100 125 150 175
3.25
3.30
3.35
3.40
3.45
3.50
3.55
3.60
3.65
3.70
-50 -25 0 25 50 75 100 125 150 175
VOUT
=3.3V
VOUT Set With 1% Resistors
45
85
125
0
Output Voltage vs. Temperautre
Junction Temperature, TJ(°C)
-75
1.55
1.60
1.65
1.70
1.75
1.80
1.85
1.90
1.95
2.00
2.05
-50 -25 0 25 50 75 100 125 150 175
VOUT
=1.8V
VOUT Set With 1% Resistors
-50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com