Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M1008G-P28-R Datasheet(PDF) 7 Page - Unisonic Technologies

Part # M1008G-P28-R
Description  16-BIT CCD/CIS ANALOG SIGNAL PROCESSOR
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

M1008G-P28-R Datasheet(HTML) 7 Page - Unisonic Technologies

Back Button M1008G-P28-R Datasheet HTML 3Page - Unisonic Technologies M1008G-P28-R Datasheet HTML 4Page - Unisonic Technologies M1008G-P28-R Datasheet HTML 5Page - Unisonic Technologies M1008G-P28-R Datasheet HTML 6Page - Unisonic Technologies M1008G-P28-R Datasheet HTML 7Page - Unisonic Technologies M1008G-P28-R Datasheet HTML 8Page - Unisonic Technologies M1008G-P28-R Datasheet HTML 9Page - Unisonic Technologies M1008G-P28-R Datasheet HTML 10Page - Unisonic Technologies M1008G-P28-R Datasheet HTML 11Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
M1008
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
7 of 11
www.unisonic.com.tw
QW-R502-434.a
FUNCTIONAL DESCRIPTION (Cont.)
D8
D7
D6
D5
D4
D3
D2
D1
D0
MUX order
Channel Select
Enable
Delay
CDS1
Delay
CDS2
Delay
ADCK
Delay
1=on
(Note)
1=4ns
1=4ns
1=2ns
0
1=R-G-B
(Note)
0=B-G-R
1=Red
(Note)
0=off
1=Green
0=off
(Note)
1=Blue
0=off
(Note)
0=off
0=2ns
(Note)
0=2ns
(Note)
0=0ns
(Note)
MUX Register Settings
Note: Power-on default value
PGA Gain Registers
There are three PGA registers for use in respectively programming the gain of the red, green and blue
channels. Bits D8, D7 and D6 in each register must hold low, and bits D5 through D0 control the gain range in 64
increments. The coding for the PGA registers is a straight binary. An all zero word corresponds to the minimum gain
setting (1x) and an all one word corresponds to the maximum gain setting (5.85x).
The M1008 distributes one Programmable Gain Amplifier (PGA) for each channel. Each PGA has a gain range
from 1x (0dB) to 5.85x (15.3dB), adjustable in 64 steps. Although the gain curve is approximately linear in dB, the
gain in V/V varies in nonlinear proportion with the register code, according to the following the equation:
5.85
Gain
63 - G
1 + 4.85 * (
)
63
=
Where G is the decimal value of the gain register contents, and varies from 0 to 63.
D8
D7
D6
D5
D4
D3
D2
D1
D0
Gain(V/V)
Gain(dB)
0
0
0
MSB
LSB
0
0
.
.
.
0
0
0
0
.
.
.
0
0
0
0
.
.
.
0
0
0
0
.
.
.
1
1
0
0
.
.
.
1
1
0
0
.
.
.
1
1
0
0
.
.
.
1
1
0
0
.
.
.
1
1
0 (Note)
1
.
.
.
0
1
1.0
1.013
.
.
.
5.43
5.85
0.0
0.12
.
.
.
14.7
15.3
Note: Power-on default value
Offset Registers
There are three PGA registers for use in respectively programming the offset of the red, green, and blue
channels. Bits D8 through D0 control the offset range from -250mV to 250mV in 512 increments.
The coding for the offset registers is sign magnitude, with D8 as the sign bit. The following table shows the
offset range as a function of the bits D8 through D0.
D8
D7
D6
D5
D4
D3
D2
D1
D0
Offset(mV)
MSB
LSB
0
0
.
.
.
0
1
1
.
.
.
1
0
0
.
.
.
1
0
0
.
.
.
1
0
0
.
.
.
1
0
0
.
.
.
1
0
0
.
.
.
1
0
0
.
.
.
1
0
0
.
.
.
1
0
0
.
.
.
1
0
0
.
.
.
1
0
0
.
.
.
1
0
0
.
.
.
1
0
0
.
.
.
1
0
0
.
.
.
1
0
0
.
.
.
1
0 (Note)
1
.
.
.
1
0
1
.
.
.
1
0
0.98
.
.
.
250
0
-0.98
.
.
.
-250
Note: Power-on default value



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com