Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LR3965G-XX-TN5-R Datasheet(PDF) 10 Page - Unisonic Technologies

Part # LR3965G-XX-TN5-R
Description  1.5A LOW DROPOUT LINEAR REGULATOR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LR3965G-XX-TN5-R Datasheet(HTML) 10 Page - Unisonic Technologies

Back Button LR3965G-XX-TN5-R Datasheet HTML 2Page - Unisonic Technologies LR3965G-XX-TN5-R Datasheet HTML 3Page - Unisonic Technologies LR3965G-XX-TN5-R Datasheet HTML 4Page - Unisonic Technologies LR3965G-XX-TN5-R Datasheet HTML 5Page - Unisonic Technologies LR3965G-XX-TN5-R Datasheet HTML 6Page - Unisonic Technologies LR3965G-XX-TN5-R Datasheet HTML 7Page - Unisonic Technologies LR3965G-XX-TN5-R Datasheet HTML 8Page - Unisonic Technologies LR3965G-XX-TN5-R Datasheet HTML 9Page - Unisonic Technologies LR3965G-XX-TN5-R Datasheet HTML 10Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
LR3965
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
10 of 10
www.unisonic.com.tw
QW-R102-037.P
TYPICAL CHARACTERISTICS (Cont.)
Load Transient
VOUT
IOUT
CIN=COUT=10μF(Ceramic,Y5V)
LR3965-2.5V
1000
500
0
2.55
2.5
2.45
Shutdown
VSHDN
VOUT
IOUT
CIN=COUT=10μF(Ceramic,Y5V)
VIN=5V,T=25°C
100
0
2
1
0
5
0
LR3965-2.5V
ILOAD =1mA to 700mA



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com