Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

P1696L-XX-SH2-R Datasheet(PDF) 5 Page - Unisonic Technologies

Part # P1696L-XX-SH2-R
Description  200KHZ, 2A PWM STEP-DOWN DC/DC CONVERTER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

P1696L-XX-SH2-R Datasheet(HTML) 5 Page - Unisonic Technologies

  P1696L-XX-SH2-R Datasheet HTML 1Page - Unisonic Technologies P1696L-XX-SH2-R Datasheet HTML 2Page - Unisonic Technologies P1696L-XX-SH2-R Datasheet HTML 3Page - Unisonic Technologies P1696L-XX-SH2-R Datasheet HTML 4Page - Unisonic Technologies P1696L-XX-SH2-R Datasheet HTML 5Page - Unisonic Technologies P1696L-XX-SH2-R Datasheet HTML 6Page - Unisonic Technologies P1696L-XX-SH2-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
P1696
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
5 of 7
www.unisonic.com.tw
QW-R103-035,G
FIXED OUTPUT VOLTAGE VERSIONS
5.0V/2A
L
33μH
Output
GND
UTC
P1696G -5.0V
1
4
2
3
5,6,7,8
VIN
FB
+
+
VIN
SD
CIN
330μF
COUT
470μF
ADJUSTABLE OUTPUT VOLTAGE VERSIONS
Note:1.
FB
OUT
V
)
R
R
(
V
2
1
1
+
=
2. Tested under typical application condition:
CIN
L
COUT
CF
330μF
33μH
470μF
-
330μF
33μH
220μF
VIN<17V
-
VIN≥17V
220pF(option)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com