Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LHT774 Datasheet(PDF) 1 Page - Siemens Semiconductor Group

Part # LHT774
Description  TOPLED RG Super-Bright, Hyper-Red GaAIAs-LED
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

LHT774 Datasheet(HTML) 1 Page - Siemens Semiconductor Group

  LHT774 Datasheet HTML 1Page - Siemens Semiconductor Group LHT774 Datasheet HTML 2Page - Siemens Semiconductor Group LHT774 Datasheet HTML 3Page - Siemens Semiconductor Group LHT774 Datasheet HTML 4Page - Siemens Semiconductor Group LHT774 Datasheet HTML 5Page - Siemens Semiconductor Group LHT774 Datasheet HTML 6Page - Siemens Semiconductor Group LHT774 Datasheet HTML 7Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Semiconductor Group
1
11.96
TOPLED® RG
Super-Bright, Hyper-Red GaAIAs-LED
LH T774
Streuung der Lichtstärke in einer Verpackungseinheit
I
V max / IV min ≤ 2.0.
Luminous intensity ratio in one packaging unit
I
V max / IV min ≤ 2.0.
Typ
Type
Emissions-
farbe
Color of
Emission
Farbe der
Lichtaustritts-
fläche
Color of the
Light Emitting
Area
Lichtstärke
Luminous
Intensity
I
F = 10 mA
I
V (mcd)
Lichtstrom
Luminous
Flux
I
F = 10 mA
Φ
V (mlm)
Bestellnummer
Ordering Code
LH T774-KM
LH T774-L
LH T774-M
LH T774-LN
hyper-red
colorless clear
6.3 ...
32
10.0 ...
20
16.0 ...
32
10.0 ...
50
-
45 (typ.)
75 (typ.)
-
Q62703-Q2725
Q62703-Q2790
Q62703-Q2791
Q62703-Q2792
Besondere Merkmale
q
Gehäusefarbe: weiß
q
Doppel-Heterostruktur in GaAlAs Technologie
q
besonders hohe Lichtstärke
q
als optischer Indikator einsetzbar
q
zur Hinterleuchtung, Lichtleiter- und Linseneinkopplung
q
für alle SMT-Bestück- und Löttechniken geeignet
q
gegurtet (12-mm-Filmgurt)
q
Störimpulsfest nach DIN 40839
Features
q
color of package: white
q
double heterojunction in GaAIAs technology
q
superior luminous intensity
q
for use as optical indicator
q
for backlighting, optical coupling into light pipes and lenses
q
suitable for all SMT assembly and soldering methods
q
available taped on reel (12 mm tape)
q
load dump resistant acc. to DIN 40839


Similar Part No. - LHT774

ManufacturerPart #DatasheetDescription
logo
Nichicon corporation
LHT NICHICON-LHT Datasheet
561Kb / 1P
ALUMINUM ELECTROLYTIC CAPACITORS
logo
Adam Technologies, Inc.
LHT-XX-TS ADAM-TECH-LHT-XX-TS Datasheet
73Kb / 1P
WIRE TO BOARD HEADER STRAIGHT
logo
Nichicon corporation
LHT2W221MELB30 NICHICON-LHT2W221MELB30 Datasheet
561Kb / 1P
ALUMINUM ELECTROLYTIC CAPACITORS
LHT2W271MELB35 NICHICON-LHT2W271MELB35 Datasheet
561Kb / 1P
ALUMINUM ELECTROLYTIC CAPACITORS
LHT2W271MELC30 NICHICON-LHT2W271MELC30 Datasheet
561Kb / 1P
ALUMINUM ELECTROLYTIC CAPACITORS
More results

Similar Description - LHT774

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
LH3344 SIEMENS-LH3344 Datasheet
283Kb / 7P
3 mm (T1) LED, Non Diffused, Super-Bright, Hyper-Red GaAIAs-LED
LH3364 SIEMENS-LH3364 Datasheet
280Kb / 7P
3 mm T1 LED, Diffused Super-Bright, Hyper-Red GaAIAs-LED
LHA674 SIEMENS-LHA674 Datasheet
108Kb / 7P
SIDELED Super-Bright, Hyper-Red GaAIAs-LED
LHT674 SIEMENS-LHT674 Datasheet
402Kb / 7P
TOPLED Super-Bright, Hyper-Red GaAIAs-LED
LHT676 SIEMENS-LHT676 Datasheet
312Kb / 6P
Hyper TOPLED Hyper-Bright, Hyper-Red TS GaAIAs-LED
LSM776 SIEMENS-LSM776 Datasheet
340Kb / 7P
Hyper Mini TOPLED RG Hyper-Bright LED
LST676 SIEMENS-LST676 Datasheet
350Kb / 7P
Hyper TOPLED Hyper-Bright LED
LST776 SIEMENS-LST776 Datasheet
346Kb / 7P
Hyper TOPLED RG Hyper-Bright LED
logo
OSRAM GmbH
LBT673 OSRAM-LBT673 Datasheet
188Kb / 15P
HYPER TOPLED, HYPER BRIGHT LED
LATBT686 OSRAM-LATBT686 Datasheet
239Kb / 17P
Hyper Multi TOPLED Hyper-Bright LED
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com